Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCC2681T
Description  Dual asynchronous receiver/transmitter (DUART)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681T Datasheet(HTML) 4 Page - NXP Semiconductors

  SCC2681T Datasheet HTML 1Page - NXP Semiconductors SCC2681T Datasheet HTML 2Page - NXP Semiconductors SCC2681T Datasheet HTML 3Page - NXP Semiconductors SCC2681T Datasheet HTML 4Page - NXP Semiconductors SCC2681T Datasheet HTML 5Page - NXP Semiconductors SCC2681T Datasheet HTML 6Page - NXP Semiconductors SCC2681T Datasheet HTML 7Page - NXP Semiconductors SCC2681T Datasheet HTML 8Page - NXP Semiconductors SCC2681T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Philips Semiconductors
Product data
SCC2681T
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
4
PIN CONFIGURATION
6
40
41
42
43
44
1
2
IP2
IP6
IP5
IP4
VCC
A0
n.c.
3
4
5
IP3
A1
A2
IP1
18
28
27
26
25
24
23
22
21
20
19
D0
D2
D4
D6
INTRN
GND
n.c.
D7
D5
D1
D3
SCC2681TC1A44
SD00737
Figure 2. Pin configuration
PIN DESCRIPTION
MNEMONIC
PIN
TYPE
NAME AND FUNCTION
D0–D7
21, 25, 20,
26, 19, 27,
18, 28
I/O
Data Bus: Bidirectional three-state data bus used to transfer commands, data and status between the
DUART and the CPU. D0 is the least significant bit.
CEN
39
I
Chip Enable: Active LOW input signal. When LOW, data transfers between the CPU and the DUART
are enabled on D0–D7 as controlled by the WRN, RDN, and A0–A3 inputs. When CEN is HIGH, the
DUART places the D0–D7 lines in the three-state condition.
WRN
9
I
Write Strobe: When LOW and CEN is also LOW, the contents of the data bus is loaded into the
addressed register. The transfer occurs on the rising edge of the signal.
RDN
10
I
Read Strobe: When low and CEN is also LOW, causes the contents of the addressed register to be
presented on the data bus. The read cycle begins on the falling edge of RDN.
A0–A3
2, 4, 6, 7
I
Address Inputs: Select the DUART internal registers and ports for read/write operations.
RESET
38
I
Reset: A HIGH level clears internal registers (SRA, SRB, IMR, ISR, OPR, OPCR), puts OP0–OP7 in the
HIGH state, stops the counter/timer, and puts channels A and B in the inactive state, with the TxDA and
TxDB outputs in the mark (HIGH) state. Clears Test modes, sets MR pointer to MR1.
INTRN
24
O
Interrupt Request: Active-LOW, open-drain output which signals the CPU that one or more of the eight
maskable interrupting conditions are true.
X1/CLK
36
I
Crystal 1: Crystal connection or an external clock input. A crystal of a clock the appropriate frequency
(nominally 3.6864 MHz) must be supplied at all times. For crystal connections see Figure 7, Clock
Timing.
X2
37
I
Crystal 2: Crystal connection. See Figure 7. If a crystal is not used it is best to keep this pin not
connected.
It must not be grounded.
RxDA
35
I
Channel A Receiver Serial Data Input: The least significant bit is received first. ‘Mark’ is HIGH, ‘space’
is LOW.
RxDB
11
I
Channel B Receiver Serial Data Input: The least significant bit is received first. ‘Mark’ is HIGH, ‘space’
is LOW.


Similar Part No. - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1A44 PHILIPS-SCC2681AC1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N28 PHILIPS-SCC2681AC1N28 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N40 PHILIPS-SCC2681AC1N40 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AE1A44 PHILIPS-SCC2681AE1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com