Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA290 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA290 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Time (5 Ps/div)
0V
Supply Voltage
Output Voltage
Time (25 Ps/div)
0V
Supply Voltage
Output Voltage
Time (12.5Ps/div)
2.7V
2.5V
VCM
VOUT
Time (10 Ps/div)
0V
0V
11
INA290
www.ti.com
SBOS961 – JUNE 2020
Product Folder Links: INA290
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
RL = 10 kΩ
VSENSE = 5 mV
Figure 31. Common-Mode Voltage Fast Transient Pulse, A5
devices
Figure 32. Step Response, A3 devices
VSENSE = 0 mV
Figure 33. Start-Up Response
VSENSE = 5 mV
Figure 34. Supply Transient Response, A5 devices


Similar Part No. - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290 Datasheet
1Mb / 27P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
1Mb / 27P
[Old version datasheet]   INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
1Mb / 32P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
2Mb / 37P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA290-Q1 TI1-INA290-Q1 Datasheet
366Kb / 16P
[Old version datasheet]   INA290-Q1 AEC-Q100, 2.7-V to 110-V, 800-kHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
More results

Similar Description - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
[Old version datasheet]   INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290-Q1 TI1-INA290-Q1 Datasheet
366Kb / 16P
[Old version datasheet]   INA290-Q1 AEC-Q100, 2.7-V to 110-V, 800-kHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
[Old version datasheet]   INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA280-Q1 TI-INA280-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
[Old version datasheet]   INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
[Old version datasheet]   INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
[Old version datasheet]   INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com