Electronic Components Datasheet Search |
|
MC79L05ACP Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC79L05ACP Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC79L00, MC79L00A Series http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (VI = –33 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ < +125°C, unless otherwise noted). MC79L24C MC79L24AC Characteristics Symbol Min Typ Max Min Typ Max Unit Output Voltage (TJ = +25°C) VO –22.1 –24 –25.9 –23 –24 –25 Vdc Input Regulation (TJ = +25°C) –27 Vdc ≥ VI ≥ –38 Vdc –27.5 Vdc ≥ VI ≥ –38 Vdc –28 Vdc ≥ VI ≥ –38 Vdc Regline – – – – – – – 350 300 – – – – – – 350 – 300 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload – – – – 200 100 – – – – 200 100 mV Output Voltage –27 Vdc ≥ VI ≥ –38 V, 1.0 mA ≤ IO ≤ 40 mA –28 Vdc ≥ VI ≥ –38 Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = –33 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO – –21.4 –21.4 – – – – –26.4 –26.4 –22.8 – –22.8 – – – –25.2 – –25.2 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB – – – – 6.5 6.0 – – – – 6.5 6.0 mA Input Bias Current Change –28 Vdc ≥ VI ≥ –38 Vdc 1.0 mA ≤ IO ≤ 40 mA ∆IIB – – – – 1.5 0.2 – – – – 1.5 0.1 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn – 200 – – 200 – µV Ripple Rejection (–29 ≤ VI ≤ –35 Vdc, f = 120 Hz, TJ = +25°C) RR 30 43 – 31 47 – dB Dropout Voltage IO = 40 mA, TJ = +25°C |VI–VO| – 1.7 – – 1.7 – Vdc APPLICATIONS INFORMATION Design Considerations The MC79L00, A Series of fixed voltage regulators are designed with Thermal Overload Protections that shuts down the circuit when subjected to an excessive power overload condition, Internal Short Circuit Protection that limits the maximum current the circuit will pass. In many low current applications, compensation capacitors are not required. However, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire length, or if the output load capacitance is large. An input bypass capacitor should be selected to provide good high–frequency characteristics to insure stable operation under all load conditions. A 0.33 µF or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The bypass capacitor should be mounted with the shortest possible leads directly across the regulator’s input terminals. Normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. Bypassing the output is also recommended. Figure 1. Positive and Negative Regulator Figure 2. Standard Application +Vin +VO 0.1µF -Vin -VO 0.33µF MC78LXX MC79LXX 0.1µF 0.33µF Input Output CO** 0.1µF CI* 0.33µF MC79LXX A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V above the output voltage even during the low point on the ripple voltage. * CI is required if regulator is located an appreciable * distance from the power supply filter ** CO improves stability and transient response. |
Similar Part No. - MC79L05ACP |
|
Similar Description - MC79L05ACP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |