Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1702669 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1702669
Description  Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THRR72
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1702669 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1702669 Datasheet HTML 1Page - PHOENIX CONTACT 1702669 Datasheet HTML 2Page - PHOENIX CONTACT 1702669 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1702669
09/22/2014   Page 1 / 3
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THRR72 - 1702669
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 12, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Assembly: Taped SMD/THT/THR components
Product Features
 Plug-in direction parallel to the PCB
 Pitch: 3.81 mm
 Low-profile THR headers with a compact pitch
 Delivery form: tape-on-reel packing according to IEC 60286-3 for automated mounting
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
380 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Width
47.11 mm
Pitch
3.81 mm
Dimension a
41.91 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-G-THR
Insulating material group
IIIa


Similar Part No. - 1702669

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702662 PHOENIX-1702662 Datasheet
72Kb / 3P
Printed-circuit board connector - MC 1,5/ 5-G-3,81 P14 THRR56
1702663 PHOENIX-1702663 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 6-G-3,81 P14 THRR56
1702664 PHOENIX-1702664 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P14 THRR56
1702665 PHOENIX-1702665 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THRR56
1702666 PHOENIX-1702666 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P14 THRR56
More results

Similar Description - 1702669

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1782569 PHOENIX-1782569 Datasheet
70Kb / 4P
Printed-circuit board connector - MC 1,5/12-G-3,81 P26 THRR72
1782200 PHOENIX-1782200 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14 THRR72
1782459 PHOENIX-1782459 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-G-3,81 P14 THR
1780406 PHOENIX-1780406 Datasheet
76Kb / 4P
Printed-circuit board connector - MCV 1,5/12-G-3,5 P14 THRR72
1782420 PHOENIX-1782420 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P14 THR
1702667 PHOENIX-1702667 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/10-G-3,81 P14 THRR56
1782394 PHOENIX-1782394 Datasheet
71Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-G-3,81 P14 THR
1702665 PHOENIX-1702665 Datasheet
71Kb / 3P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P14 THRR56
1722118 PHOENIX-1722118 Datasheet
73Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 P14 THRR32
1722095 PHOENIX-1722095 Datasheet
73Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P14 THRR32
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com