Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP360J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP360J
Description  Triac Driver Programmable Controllers AC-Output Module Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP360J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP360J Datasheet HTML 1Page - Toshiba Semiconductor TLP360J Datasheet HTML 2Page - Toshiba Semiconductor TLP360J Datasheet HTML 3Page - Toshiba Semiconductor TLP360J Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP360J
1
2003-10-27
TOSHIBA Photocoupler GaAs IRED & PHOTO-TRIAC
TLP360J
Triac Driver
Programmable Controllers
AC-Output Module
Solid State Relay
TOSHIBA TLP360J consists of a photo-triac optically coupled to
a gallium arsenide infrared emitting diode in a four lead plastic DIP
package.
• Peak Off-State Voltage
: 600V(Min)
• Trigger LED Current
: 10mA(Max)
• On-State Current
: 70mA(Max)
• Isolation Voltage
: 5000Vrms(Min)
•Construction Mechanical Rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.4 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.4 mm (Min)
•Trigger LED Current
*Ex. (IFT7); TLP360J(IFT7)
(Note) Application type name for certification test, please
use standard product type name, i.e.
TLP360J(IFT7): TLP360J
JEDEC
TOSHIBA
11-5B2
Weight: 0.26 g
Trigger LED Current (mA)
VT=6V, Ta=25°C
Classi
fication*
Min.
Max.
Marking Of
Classification
(IFT7)
7
T7
Standard
10
T7, blank
Unit : mm
Preliminary
PIN CONFIGURATION (TOP VIEW)
1
2
3
4 1: ANODE
2: CATHODE
3: TERMINAL1
4: TERMINAL2


Similar Part No. - TLP360J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP360J TOSHIBA-TLP360J Datasheet
158Kb / 6P
GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results

Similar Description - TLP360J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520A TOSHIBA-TLP3520A Datasheet
144Kb / 6P
Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com