Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDL16035 Datasheet(PDF) 3 Page - Schneider Electric

Part # BDL16035
Description  Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDL16035 Datasheet(HTML) 3 Page - Schneider Electric

  BDL16035 Datasheet HTML 1Page - Schneider Electric BDL16035 Datasheet HTML 2Page - Schneider Electric BDL16035 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free product
3


Similar Part No. - BDL16035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16030 SCHNEIDER-BDL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
More results

Similar Description - BDL16035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16015 SCHNEIDER-BDL16015 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 15A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16030 SCHNEIDER-BDL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16060 SCHNEIDER-BDL16060 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16020 SCHNEIDER-BDL16020 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 20A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16080 SCHNEIDER-BDL16080 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 80A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16040 SCHNEIDER-BDL16040 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 40A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16025 SCHNEIDER-BDL16025 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 25A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16090 SCHNEIDER-BDL16090 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 90A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BJL16035 SCHNEIDER-BJL16035 Datasheet
96Kb / 3P
   Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 25kA at 600Y/347 UL, EverLink lugs both ends
BGL16035 SCHNEIDER-BGL16035 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com