Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDL16035 Datasheet(PDF) 2 Page - Schneider Electric

Part # BDL16035
Description  Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDL16035 Datasheet(HTML) 2 Page - Schneider Electric

  BDL16035 Datasheet HTML 1Page - Schneider Electric BDL16035 Datasheet HTML 2Page - Schneider Electric BDL16035 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical durability
10000 cycles IEC 947-1 Annex K ed 5.2 In
Connection pitch
1.06 in (27 mm)
Mounting mode
Clip-on 35 mm symmetrical DIN rail)
By screws plate)
Electrical connection
Everlink lug line
Everlink lug load
AWG gauge
AWG 6...AWG 2/0 fine stranded aluminium/copper
AWG 14...AWG 3/0 rigid or stranded aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.02 in² (2.5…16 mm²) AWG 14...AWG 4)
79.66 lbf.in (9 N.m) 0.04…0.15 in² (25…95 mm²) AWG 3...AWG 3/0)
Power wire stripping length
0.79 in (20 mm)
Color
Gray RAL 7016)
9 mm pitches
3
Maximum Height
5.39 in (137 mm)
Maximum Width
1.06 in (27 mm)
Maximum Depth
3.15 in (80 mm)
Net Weight
1.12 lb(US) (0.51 kg)
Quantity per set
Set of 1
Continuous current rating
80 %
Environment
Quality labels
CE
Standards
EN/IEC 60947-5-1
NEMA AB1
UL 489
NMX J-266
CSA C22.2 No 5
EN/IEC 60947-2
GB 14048.2
Product certifications
UL
IEC
CCC
EAC
CSA
NOM
IP degree of protection
Front cover IP40 IEC 60529
IK degree of protection
IK07 IEC 62262
Pollution degree
3 IEC 60947-1
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
6561.68 ft (2000 m) without derating
5000 m with derating
Ordering and shipping details
Category
01130-BD UNIT MOUNT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
03606481148490
Package weight(Lbs)
16.00 oz (453.592 g)
Returnability
Yes
Packing Units
Package 1 Height
1.40 in (3.556 cm)
Package 1 width
4.70 in (11.938 cm)
Package 1 Length
7.50 in (19.050 cm)
2


Similar Part No. - BDL16035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16030 SCHNEIDER-BDL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
More results

Similar Description - BDL16035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16015 SCHNEIDER-BDL16015 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 15A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16030 SCHNEIDER-BDL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16060 SCHNEIDER-BDL16060 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16020 SCHNEIDER-BDL16020 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 20A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16080 SCHNEIDER-BDL16080 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 80A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16040 SCHNEIDER-BDL16040 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 40A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16025 SCHNEIDER-BDL16025 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 25A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16090 SCHNEIDER-BDL16090 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 90A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BJL16035 SCHNEIDER-BJL16035 Datasheet
96Kb / 3P
   Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 25kA at 600Y/347 UL, EverLink lugs both ends
BGL16035 SCHNEIDER-BGL16035 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com