Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDL16040 Datasheet(PDF) 1 Page - Schneider Electric

Part # BDL16040
Description  Circuit breaker, PowerPact B, 40A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDL16040 Datasheet(HTML) 1 Page - Schneider Electric

  BDL16040 Datasheet HTML 1Page - Schneider Electric BDL16040 Datasheet HTML 2Page - Schneider Electric BDL16040 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BDL16040
Circuit breaker, PowerPact B, 40A, 1 pole,
600Y/347V AC, 14kA at 600Y/347 UL, EverLink
lugs both ends
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 343.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BD 040
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
40 A
Number of Poles
1P
Protected poles description
1t
Control type
Toggle
Breaking capacity code
D
Breaking capacity
25 kA 208Y/120 V AC 50/60 Hz UL 489
25 kA 240 V AC 50/60 Hz UL 489
18 kA 480Y/277 V AC 50/60 Hz UL 489
10 kA 125 V DC 50/60 Hz UL 489
14 kA 600/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
240 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
25 kA 220...240 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Trip unit name
TM-D
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
15000 cycles IEC 947-1 Annex F ed 5.2
Jun 22, 2020
1


Similar Part No. - BDL16040

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16045 SCHNEIDER-BDL16045 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 45A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
More results

Similar Description - BDL16040

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL16015 SCHNEIDER-BDL16015 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 15A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16030 SCHNEIDER-BDL16030 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16060 SCHNEIDER-BDL16060 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16020 SCHNEIDER-BDL16020 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 20A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16080 SCHNEIDER-BDL16080 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 80A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16025 SCHNEIDER-BDL16025 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 25A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16090 SCHNEIDER-BDL16090 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 90A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BDL16035 SCHNEIDER-BDL16035 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BGL16040 SCHNEIDER-BGL16040 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 40A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BDL16070 SCHNEIDER-BDL16070 Datasheet
92Kb / 3P
Circuit breaker, PowerPact B, 70A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com