Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V111HA40 Datasheet(PDF) 5 Page - Littelfuse

Part # V111HA40
Description  Varistor Products - High Energy Industrial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V111HA40 Datasheet(HTML) 5 Page - Littelfuse

  V111HA40 Datasheet HTML 1Page - Littelfuse V111HA40 Datasheet HTML 2Page - Littelfuse V111HA40 Datasheet HTML 3Page - Littelfuse V111HA40 Datasheet HTML 4Page - Littelfuse V111HA40 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
94
www .littelfuse .com
Varistor Products
High Energy Industrial
HA Varistor Series
DHB
X
T
T1
S
MAX
MAX
MIN
NOM
NOM MAX
OFFSET
HA32 35.5
52.00
3.0
25
9.3
10.4
Depends on
Device
Voltage
(See Table 2)
HA40 42.5
57.00
3.0
25
9.3
10.4
oA
MAX
4.2
4.2
DHB
X
T
R
SC
MAX
MAX
MIN
NOM
NOM MAX
OFFSET
HC32
35.5
52.00
5.0
25
9.30
1.0
Depends on
Device
Voltage
(See Table 4)
HC40
42.5
57.00
5.0
25
9.30
1.0
VOLTAGE
THICKNESS “W”
DIMENSION “S”
(±1mm)
HA32
HA40
HA32
HA40
V111 - V351
9.00
9.00
3.90
3.90
V391 - V511
11.00
11.00
2.60
2.60
V551 - V751
13.00
13.00
1.00
1.00
TABLE 2. HA SERIES MAXIMUM THICKNESS AND TERMINAL
OFFSETS (Dimensions in Millimeters)
()
VOLTAGE
THICKNESS “W”
DIMENSION “SC
(±1mm)
HC32
HC40
HC32
HC40
V111 - V351
9.00
9.00
6.00
6.00
V391 - V511
11.00
11.00
7.30
8.10
V551 - V751
13.00
13.00
8.90
10.00
TABLE 4. HC SERIES MAXIMUM THICKNESS AND
TERMINAL OFFSETS (Dimensions in Millimeters)
Ordering Information
VARISTOR
VM(AC)
FirstTwo Significant
Digits
DISC SIZE (mm)
VXXX HA XX
SERIES DESIGNATOR
HA or HC
VM(AC)
Decade Multiplier
Pulse Rating Curves
FIGURE 5. SURGE CURRENT RATING CURVES FOR
V111HA32 - V751HA32
DISC SIZE 32mm
V111HA32 - V751HA32
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( µs)
10
2
1
INDEFINITE
102
103
104
105
106
FIGURE 7. SURGE CURRENT RATING CURVES FOR
V111HA40 - V751HA40
DISC SIZE 40mm
V111HA40 - V751HA40
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( µs)
2
1
INDEFINITE
102
103
104
105
106
10
Mechanical Dimensions
TABLE 1. HA SERIES OUTLINE SPECIFICATIONS
(Dimensions in Millimeters)
TABLE 3. HC SERIES OUTLINE SPECIFICATIONS
(Dimensions in Millimeters)


Similar Part No. - V111HA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
605Kb / 8P
Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
605Kb / 8P
Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HG34 LITTELFUSE-V111HG34 Datasheet
605Kb / 8P
Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V111HA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
Varistor Products - High Energy Industrial Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
Varistor Products - High Energy Industrial
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
Varistor Products - High Energy Industrial Square Disc
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com