Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24ZA50P Datasheet(PDF) 13 Page - Littelfuse

Part # V24ZA50P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V24ZA50P Datasheet(HTML) 13 Page - Littelfuse

Back Button V24ZA50P Datasheet HTML 6Page - Littelfuse V24ZA50P Datasheet HTML 7Page - Littelfuse V24ZA50P Datasheet HTML 8Page - Littelfuse V24ZA50P Datasheet HTML 9Page - Littelfuse V24ZA50P Datasheet HTML 10Page - Littelfuse V24ZA50P Datasheet HTML 11Page - Littelfuse V24ZA50P Datasheet HTML 12Page - Littelfuse V24ZA50P Datasheet HTML 13Page - Littelfuse V24ZA50P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
79
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
Mechanical Dimensions
Tape and Reel Ordering Information
Crimped leads are standard on ZA types supplied in tape and reel and
are denoted by the model letter “T”. Model letter “S” denotes straight
leads and letter “U” denotes special under-crimped leads.
Example:
STANDARD
MODEL
CRIMPED
LEADS
STRAIGHT
LEADS
UNDER-
CRIMPED
LEADS
V18ZA3
V18ZT3
V18ZS3
V18ZU3
SHIPPING QUANTITY
SIZE
RMS
(MAX)
VOLTAGE
QUANTITY PER REEL
“T” REEL
“S” REEL
“U” REEL
5mm
All
1000
1000
1000
7mm
All
1000
1000
1000
10mm
All
500
500
500
14mm
< 300V
500
500
500
14mm
≥ 300V
500
500
400
20mm
< 300V
500
500
500
20mm
≥ 300V
500
500
400
SYM-
BOL
VOLTAGE
MODEL
VARISTOR MODEL SIZE
5mm
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
All
-
-
10
(0.394)
-
-
12
(0.472)
-
-
16
(0.630)
-
-
20
(0.787)
-
-
26.5
(1.043)
øD
All
-
-
7
(0.276)
-
-
9
(0.354)
-
-
12.5
(0.492)
-
-
17
(0.669)
-
-
23
(0.906)
eAll
4
(0.157)
6
(0.236)
4
(0.157)
6
(0.236)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
8.5
(0.335)
6.5
(0.256)
(Note 6)
8.5
(0.335)
(Note 6)
e1
V8ZA-
V56ZA
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
V68ZA-
V100ZA
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
1.5
(0.059)
3.5
(0.138)
(0.059)
(0.138)
1.5
3.5
V120ZA-
V180ZA
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.039)
3
(0.118)
1
(0.038)
3
(0.118)
(0.038)
(0.118)
V205ZA-
V750ZA
1.5
(0.059)
3.5
(0.138)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
E
V8ZA-
V56ZA
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
V68ZA-
V100ZA
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
-
-
5.6
(0.220)
V120ZA-
V180ZA
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
-
-
5
(0.197)
V205ZA-
V750ZA
-
-
5.6
(0.220)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
NOTES: Dimensions in millimeters, inches in parentheses.
6. 10mm ALSO AVAILABLE; See Additional Lead Style Options.
7. V24ZA50(P) and V24ZC50(P) only supplied with lead spacing of 6.35mm
± 0.5mm (0.25 ± 0.0196)
Dimension e = 5.85 min. Does not apply to T&R parts.
13
Pb
RoHS


Similar Part No. - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
825Kb / 13P
Radial Lead Varistors
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
ZA Varistor Series
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
Low to Medum Voltage, Radial Lead
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
Lead?밼ree, Halogen-Free and RoHS compliant
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
ZA Varistor Series
More results

Similar Description - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com