Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24ZA50P Datasheet(PDF) 12 Page - Littelfuse

Part # V24ZA50P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V24ZA50P Datasheet(HTML) 12 Page - Littelfuse

Back Button V24ZA50P Datasheet HTML 6Page - Littelfuse V24ZA50P Datasheet HTML 7Page - Littelfuse V24ZA50P Datasheet HTML 8Page - Littelfuse V24ZA50P Datasheet HTML 9Page - Littelfuse V24ZA50P Datasheet HTML 10Page - Littelfuse V24ZA50P Datasheet HTML 11Page - Littelfuse V24ZA50P Datasheet HTML 12Page - Littelfuse V24ZA50P Datasheet HTML 13Page - Littelfuse V24ZA50P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
78
www .littelfuse .com
Varistor Products
Tape and Reel Data
• Conforms to ANSI and EIA specifications
• Can be supplied to IEC Publication 286-2
• Radial devices on tape are supplied with
crimped leads, straight leads, or under-
crimped leads
• 5mm parts are available on tape and reel up
to 385 VAC only
NOTE: Leads are offset by Dim e1
SYMBOL
PARAMETER
MODEL SIZE
5mm
7mm
10mm
14mm
20mm
P
Pitch of Component
12.7 ± 1.0
12.7 ± 1.0
25.4 ± 1.0
25.4 ± 1.0
25.4 ± 1.0
P0
Feed Hole Pitch
12.7 ± 0.2
12.7 ± 0.2
12.7 ± 0.2
12.7 ± 0.2
12.7 ± 0.2
P1
Feed Hole Center to Pitch
3.85 ± 0.7
3.85 ± 0.7
8.85 ± 0.7
8.85 ±±
0.7
8.85
0.7
P2
Hole Center to Component Center
6.35 ± 1.0
6.35 ± 1.0
12.7 ± 0.7
12.7 ± 0.7
12.7 ± 0.7
F
Lead to Lead Distance
5.0 ± 1.0
5.0 ± 1.0
7.5 ± 1.0
7.5 ± 1.0
7.5 ± 1.0
h
Component Alignment
2.0 Max
2.0 Max
2.0 Max
2.0 Max
2.0 Max
W
Tape Width
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
18.0 + 1.0
18.0 - 0.5
W0
Hold Down Tape Width
±
12.0
0.3
±
12.0
0.3
±
12.0
0.3
±
12.0
0.3
±
12.0
0.3
W1
Hole Position
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
9.0 + 0.75
9.0 - 0.50
W2
Hold Down Tape Position
0.5 Max
0.5 Max
0.5 Max
0.5 Max
0.5 Max
H
Height from Tape Center to
Component Base
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
18.0 + 2.0
18.0 - 0.0
H0
Seating Plane Height
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
H1
Component Height
29.0 Max
32.0 Max
36.0 Max
40.0 Max
46.5 Max
D0
Feed Hole Diameter
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
t
Total Tape Thickness
0.7 ± 0.2
0.7 ± 0.2
0.7 ± 0.2
0.7 ± 0.2
0.7 ± 0.2
U
Under-crimp Width
8.0 Max
p
Component Alignment
3o Max
3o Max
3o Max
3o Max
3o Max
NOTE: Dimensions are in mm.
8.0 Max
8.0 Max
8.0 Max
8.0 Max
Low to Medum Voltage, Radial Lead
ZA Varistor Series
Pb
RoHS


Similar Part No. - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
825Kb / 13P
Radial Lead Varistors
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
ZA Varistor Series
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
Low to Medum Voltage, Radial Lead
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
Lead?밼ree, Halogen-Free and RoHS compliant
V24ZA50P LITTELFUSE-V24ZA50P Datasheet
1Mb / 14P
ZA Varistor Series
More results

Similar Description - V24ZA50P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com