Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA229-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA229-Q1
Description  INA229-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA229-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA229-Q1 Datasheet HTML 6Page - Texas Instruments INA229-Q1 Datasheet HTML 7Page - Texas Instruments INA229-Q1 Datasheet HTML 8Page - Texas Instruments INA229-Q1 Datasheet HTML 9Page - Texas Instruments INA229-Q1 Datasheet HTML 10Page - Texas Instruments INA229-Q1 Datasheet HTML 11Page - Texas Instruments INA229-Q1 Datasheet HTML 12Page - Texas Instruments INA229-Q1 Datasheet HTML 13Page - Texas Instruments INA229-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
INA229-Q1
SLYS024 – MAY 2020
www.ti.com
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
The device shunt voltage measurements, bus voltage, and temperature measurements can be read through the
VSHUNT, VBUS, and DIETEMP registers, respectively. The digital output in VSHUNT and VBUS registers is 20-
bits. The shunt voltage measurement can be positive or negative due to bidirectional currents in the system,
therefore the data value in VSHUNT can be positive or negative. The VBUS data value is always positive. The
output data can be directly converted into voltage by multiplying the digital value to its respective resolution size.
The digital output in the DIETEMP register is 16-bit and can be directly converted in °C by multiplying by the
above resolution size. This output value can also be positive or negative.
Further the device provides the flexibility to report calculated current in Amperes, power in Watts, charge in
Coulombs and energy in Joules as described in Current Calculation.
7.3.3 High Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow at the shunt voltage measurement channel. The measured inputs are multiplexed
through the high-voltage input multiplexer to the ADC inputs. The ADC architecture enables lower drift
measurement across temperature and consistent offset measurements across the common-mode voltage,
temperature and power supply variations. In current sensing applications a low-offset ADC is preferred in order to
provide a near 0-V offset voltage which maximizes the useful dynamic range of the system.
ADC conversion time for each input can be set independently by the VSHCT, VBUSCT, and VTCT bits in
register ADCCONFIG_2, respectively, in the range of 50 µs to 4.12 ms. Furthermore, a sample averaging
function in the range of 1x to 1024x is implemented and can be selected by the AVG bits in ADCCONFIG_2
register. The sample conversion time and the averaging are a part of the integrated digital filter described in Low
Latency Digital Filter.
The INA229-Q1 can measure the shunt voltage, bus voltage, and die temperature, or a combination of any
based on the selected MODE bits setting in the ADCCONFIG_2 register. This permits selecting modes to convert
only the shunt voltage or bus voltage to further allow the user to configure the monitoring function to fit the
specific application requirements. When no averaging is selected, once an ADC conversion is completed, the
converted values are independently updated in their corresponding registers where they can be read through the
digital interface at the time of input conversion end. The conversion time of each input depends on the selected
conversion-time setting (VSHCT, VBUSCT and VTCT) for each input, respectively. As soon as an input is
converted, the following input begins, and the individual input channel sample rate depends on the conversion
time and number of inputs enabled for conversion. When averaging is used, the intermediate values are
subsequently stored in an accumulator, and the conversion sequence repeats until the number of averages is
reached. After all of the averaging has been completed, the final values are updated in the corresponding
registers that can then be read. These values remain in the data output registers until they are replaced by the
next fully completed conversion results. In this case, reading the data output registers does not affect a
conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in ADCCONFIG_2
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will halt until another single-shot trigger is
generated by writing to the MODE bits. If the mode does not change and the device is kept in any of the
triggered convert modes, writing the MODE bits will trigger a single-shot conversion. Although the device can be
read at any time, and the data from the last conversion remain available, the Conversion Ready flag (CNVRF bit
in DIAG_ALRT register) is provided to help coordinate triggered conversions. This bit is set after all conversion
and averaging is completed.
The Conversion Ready flag (CNVRF) clears under these conditions:
Writing to the ADCCONFIG_2 register (except for selecting shut-down mode); or
Reading the DIAG_ALRT Register


Similar Part No. - INA229-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229-Q1 TI-INA229-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA229-Q1 TI-INA229-Q1_V01 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
More results

Similar Description - INA229-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229 TI-INA229 Datasheet
1Mb / 40P
[Old version datasheet]   INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA229-Q1 TI-INA229-Q1_V01 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA228-Q1 TI1-INA228-Q1 Datasheet
833Kb / 37P
[Old version datasheet]   INA228-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228 TI-INA228 Datasheet
2Mb / 48P
[Old version datasheet]   INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228-Q1 TI-INA228-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA239-Q1 TI1-INA239-Q1 Datasheet
826Kb / 32P
[Old version datasheet]   INA239-Q1 85-V, 16-Bit, Ultra-Precise Power Monitor With SPI Interface
INA239-Q1 TI-INA239-Q1_V01 Datasheet
2Mb / 47P
[Old version datasheet]   INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
[Old version datasheet]   INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA781 TI1-INA781 Datasheet
1Mb / 40P
[Old version datasheet]   INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
[Old version datasheet]   INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com