Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA229-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA229-Q1
Description  INA229-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA229-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  INA229-Q1 Datasheet HTML 1Page - Texas Instruments INA229-Q1 Datasheet HTML 2Page - Texas Instruments INA229-Q1 Datasheet HTML 3Page - Texas Instruments INA229-Q1 Datasheet HTML 4Page - Texas Instruments INA229-Q1 Datasheet HTML 5Page - Texas Instruments INA229-Q1 Datasheet HTML 6Page - Texas Instruments INA229-Q1 Datasheet HTML 7Page - Texas Instruments INA229-Q1 Datasheet HTML 8Page - Texas Instruments INA229-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
INA229-Q1
www.ti.com
SLYS024 – MAY 2020
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Subject to oscillator accuracy and drift
6.5 Electrical Characteristics
at TA = 25 °C, VS = 3.3V, VSENSE = VIN+ - VIN- = 0V, VCM = VIN- = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
VSENSE = 0V; TA = –40°C to +125°C
–0.3
85
V
VVBUS
Bus voltage input range
0
85
V
CMRR
Common-mode rejection
–0.3V < VCM < 85V, TA = – 40°C to
+125°C, ADCRANGE = 0
146
160
dB
VDIFF
Shunt Voltage Input Range
TA = –40°C to +125°C, ADCRANGE = 0
–163.84
163.84
mV
TA = –40°C to +125°C, ADCRANGE = 1
–40.96
40.96
mV
Vos
Shunt Offset Voltage
VCM = 48V, TCT > 280µs
TBD
±2
µV
VCM = 0V, TCT > 280µs
TBD
±2
µV
dVos/dT
Shunt Offset voltage drift
TA = –40°C to +125°C
TBD
±0.01
µV/
Vos_bus
VBUS Offset voltage
TBD
±5
mV
dVos/dT
VBUS Offset voltage drift
TA = –40°C to +125°C
TBD
±100
µV/
PSRR
Power supply rejection ratio
Vs = 2.7 V to 5.5 V, TA = –40°C to
+125°C
0.2
±1
µV/V
IB
Input bias current
IN+, IN-
0.1
5
nA
ZVBUS
Bus voltage input impedance (VBUS pin)
Active mode
1
Shutdown mode
TBD
ZSHUNT
Input differential impedance
IN+, IN-
TBD
DC ACCURACY
GSERR
Shunt voltage gain error
VCM = 24V
TBD
±0.1
%
GSERR_D
RFT
Shunt voltage gain error drift
TBD
±20
ppm/
GBERR
VBUS voltage gain error
TBD
±0.1
%
GBERR_D
RFT
VBUS voltage gain error drift
TBD
±20
ppm/
ADC Resolution
20
Bits
1 LSB step size
Shunt voltage, ADCRANGE = 0
312.5
nV
Shunt voltage, ADCRANGE = 1
78.125
nV
Bus voltage
195.3125
µV
ADC Conversion-time(1)
50
µs
84
150
280
540
1052
2074
4120
CLOCK SOURCE
FOSC
Internal oscillator frequency
0.99
1
1.01
MHz
FOSC_AC
C
Internal oscillator frequency accuracy
TA = –40°C to +125°C
±1%
TEMPERATURE SENSOR
Temperature sensor measurement range
–40
+125
C
Temperature accuracy
±0.1
±2
C


Similar Part No. - INA229-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229-Q1 TI-INA229-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA229-Q1 TI-INA229-Q1_V01 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
More results

Similar Description - INA229-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA229 TI-INA229 Datasheet
1Mb / 40P
[Old version datasheet]   INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA229-Q1 TI-INA229-Q1_V01 Datasheet
2Mb / 48P
[Old version datasheet]   INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA228-Q1 TI1-INA228-Q1 Datasheet
833Kb / 37P
[Old version datasheet]   INA228-Q1 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228 TI-INA228 Datasheet
2Mb / 48P
[Old version datasheet]   INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA228-Q1 TI-INA228-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA239-Q1 TI1-INA239-Q1 Datasheet
826Kb / 32P
[Old version datasheet]   INA239-Q1 85-V, 16-Bit, Ultra-Precise Power Monitor With SPI Interface
INA239-Q1 TI-INA239-Q1_V01 Datasheet
2Mb / 47P
[Old version datasheet]   INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
[Old version datasheet]   INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA781 TI1-INA781 Datasheet
1Mb / 40P
[Old version datasheet]   INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
[Old version datasheet]   INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com