Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC56-21SRWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SC56-21SRWA
Description  14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC56-21SRWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SC56-21SRWA Datasheet HTML 1Page - Kingbright Corporation SC56-21SRWA Datasheet HTML 2Page - Kingbright Corporation SC56-21SRWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAA5247
REV NO: V.5
DATE: APR/23/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: B.H.LI
ERP: 1301001137
Selection Guide
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 5mm below package base.
Part No.
Dice
Lens Type
Iv (ucd)
@ 10mA
Min.
Typ.
SC56-21SRWA
SUPER BRIGHT RED (GaAIAs)
WHITE DIFFUSED
4700
24000
Common Cathode,
Rt. Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Red
660
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Red
640
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Red
20
nm
IF=20mA
C
Capacitance
Super Bright Red
45
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Red
1.85
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Red
10
uA
VR = 5V
Parameter
Super Bright Red
Units
Power dissipation
100
mW
DC Forward Current
30
mA
Peak Forward Current [1]
155
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 5 Seconds


Similar Part No. - SC56-21SRWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC56-21 ETC-SC56-21 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SC56-21EWA KINGBRIGHT-SC56-21EWA Datasheet
186Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA Datasheet
186Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21YWA KINGBRIGHT-SC56-21YWA Datasheet
185Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC56-21SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-21SRWA KINGBRIGHT-SA56-21SRWA_06 Datasheet
123Kb / 4P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA56-21SRWA KINGBRIGHT-SA56-21SRWA Datasheet
82Kb / 3P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA56-21EWA KINGBRIGHT-SA56-21EWA Datasheet
126Kb / 4P
   14.2mm (0.56INCH) SEVEN SEGMENT DISPLAY
SA50-21GWA KINGBRIGHT-SA50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.50INCH) SEVEN SEGMENT DISPLAY
SC50-21GWA KINGBRIGHT-SC50-21GWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21EWA KINGBRIGHT-SC50-21EWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21SRWA KINGBRIGHT-SC50-21SRWA Datasheet
91Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SC50-21YWA KINGBRIGHT-SC50-21YWA Datasheet
90Kb / 3P
   14.2mm (0.5INCH) SEVEN SEGMENT DISPLAY
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com