Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

METSECT5MA015 Datasheet(PDF) 2 Page - Schneider Electric

Part # METSECT5MA015
Description  current transformer tropicalised DIN mount 150 5 cables d. 27 - bars 10x32 15x25
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5MA015 Datasheet(HTML) 2 Page - Schneider Electric

  METSECT5MA015 Datasheet HTML 1Page - Schneider Electric METSECT5MA015 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Uimp] rated impulse withstand voltage
3 kV
Electrical insulation class
Class B
Cable outer diameter
1.06 in (27 mm)
Opening of bars
32.5 x 10.5
25.5 x 15.5
Sealing
Without
Environment
Standards
VDE 0414
IEC 61869-2
Product certifications
EAC
CE
IP degree of protection
IP20
Relative humidity
0…95 %
Ambient air temperature for operation
-13…140 °F (-25…60 °C)
Ordering and shipping details
Category
01290 - MASTERPACT ACCESSORIES
Discount Schedule
DE2F
GTIN
03606480618727
Returnability
No
Country of origin
TN
Offer Sustainability
Sustainable offer status
Green Premium product
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
2


Similar Part No. - METSECT5MA015

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5MA020 SCHNEIDER-METSECT5MA020 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 200 5 cables d. 27 - bars 10x32 15x25
METSECT5MA025 SCHNEIDER-METSECT5MA025 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 27 - bars 10x32 15x25
METSECT5MA030 SCHNEIDER-METSECT5MA030 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 300 5 cables d. 27 - bars 10x32 15x25
METSECT5MA040 SCHNEIDER-METSECT5MA040 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 400 5 cables d. 27 - bars 10x32 15x25
More results

Similar Description - METSECT5MA015

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5MA030 SCHNEIDER-METSECT5MA030 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 300 5 cables d. 27 - bars 10x32 15x25
METSECT5MA020 SCHNEIDER-METSECT5MA020 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 200 5 cables d. 27 - bars 10x32 15x25
METSECT5MA025 SCHNEIDER-METSECT5MA025 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 27 - bars 10x32 15x25
METSECT5MA040 SCHNEIDER-METSECT5MA040 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 400 5 cables d. 27 - bars 10x32 15x25
METSECT5CC015 SCHNEIDER-METSECT5CC015 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 150 5 for cables d. 21
METSECT5MD050 SCHNEIDER-METSECT5MD050 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 500 5 cables d. 40 - bars 12x50 20x40
METSECT5MB025 SCHNEIDER-METSECT5MB025 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 26 - bars 12x40 15x32
METSECT5MB030 SCHNEIDER-METSECT5MB030 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 300 5 cables d. 26 - bars 12x40 15x32
METSECT5MD060 SCHNEIDER-METSECT5MD060 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 600 5 cables d. 40 - bars 12x50 20x40
METSECT5MB040 SCHNEIDER-METSECT5MB040 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 400 5 cables d. 26 - bars 12x40 15x32
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com