Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V131CA32 Datasheet(PDF) 4 Page - Littelfuse

Part # V131CA32
Description  Varistor Products - High Energy Industrial Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131CA32 Datasheet(HTML) 4 Page - Littelfuse

  V131CA32 Datasheet HTML 1Page - Littelfuse V131CA32 Datasheet HTML 2Page - Littelfuse V131CA32 Datasheet HTML 3Page - Littelfuse V131CA32 Datasheet HTML 4Page - Littelfuse V131CA32 Datasheet HTML 5Page - Littelfuse V131CA32 Datasheet HTML 6Page - Littelfuse V131CA32 Datasheet HTML 7Page - Littelfuse V131CA32 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
117
www .littelfuse .com
Varistor Products
2
High Energy Industrial Disc
CA Varistor Series
Transient V-I Characteristics Curves
FIGURE 3. CLAMPING VOLTAGE FOR V131CA32 - C751CA32
FIGURE 4. CLAMPING VOLTAGE FOR V131CA40 - V751CA40
FIGURE 5. CLAMPING VOLTAGE FOR V251CA60 - V881CA60
FIGURE 6. CLAMPING VOLTAGE FOR V112CA60 - V282CA60
200
6,000
5,000
4,000
3,000
2,000
1,000
900
800
600
400
300
10-3
10-2
10-1
100
101
102
103
104
PEAK AMPERES
V421CA32
V321CA32
V271CA32
V251CA32
105
500
700
MAXIMUM CLAMPINGVOLTAGE
DISC SIZE 32mm
130 TO 750 VM(AC) RATING
V751CA32
V661CA32
V571CA32
V511CA32
V481CA32
TA = -55
oC TO 85oC
V151CA32
V131CA32
200
6,000
5,000
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
10-2
10-1
100
101
102
103
104
105
MAXIMUM CLAMPINGVOLTAGE
DISC SIZE 40mm
130 TO 750 VM(AC) RATING
V421CA40
V151CA40
V751CA40
PEAK AMPERES
V131CA40
V321CA40
V271CA40
V251CA40
V511CA40
V481CA40
V571CA40
V661CA40
TA = -55
oC TO 85oC
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
250 TO 880VM(AC) RATING
TA = -55
oC TO 85oC
6,000
5,000
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V881CA60
V751CA60
V661CA60
V571CA60
V511CA60
V481CA60
V421CA60
V321CA60
V271CA60
V251CA60
30,000
20,000
10,000
9,000
8,000
7,000
6,000
5,000
4,000
3,000
2,000
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V282CA60
V242CA60
V202CA60
V172CA60
V142CA60
V112CA60
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
1100 TO 2800VM(AC) RATING
TA = -55
oC TO 85oC


Similar Part No. - V131CA32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
V131BA60 MDE-V131BA60_13 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
More results

Similar Description - V131CA32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com