Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDER041H-5R6MS Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SDER041H-5R6MS
Description  Sealed Choke Coil SDER041H type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDER041H-5R6MS Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SDER041H-5R6MS Datasheet HTML 1Page - Cyntec Co., Ltd. SDER041H-5R6MS Datasheet HTML 2Page - Cyntec Co., Ltd. SDER041H-5R6MS Datasheet HTML 3Page - Cyntec Co., Ltd. SDER041H-5R6MS Datasheet HTML 4Page - Cyntec Co., Ltd. SDER041H-5R6MS Datasheet HTML 5Page - Cyntec Co., Ltd. SDER041H-5R6MS Datasheet HTML 6Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Oct., 2019
DOCUMENT
: SDER041H-000
REVISION
: B3
PAGE
: 3 OF 6
Specifications
Part Number
L0
Inductance
(
H )
@ (0A)
Rdc ( m)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
SDER041H-R47MS
0.47
14
18
5.50
5.00
5.70
5.10
SDER041H-R68MS
0.68
19
25
5.00
4.50
5.60
5.00
SDER041H-1R0MS
1.0
20
25
4.40
4.00
4.20
3.80
SDER041H-1R2MS
1.2
25
30
3.80
3.40
3.70
3.30
SDER041H-1R5MS
1.5
33
40
3.40
3.05
3.60
3.20
SDER041H-1R8MS
1.8
34
41
3.20
2.85
3.20
2.90
SDER041H-2R2MS
2.2
35
45
3.10
2.80
3.10
2.80
SDER041H-3R3MS
3.3
45
56
2.75
2.50
2.45
2.20
SDER041H-4R7MS
4.7
69
83
2.30
2.07
2.05
1.85
SDER041H-5R6MS
5.6
80
96
2.20
2.00
1.90
1.70
SDER041H-6R8MS
6.8
90
115
2.10
1.90
1.75
1.60
SDER041H-8R2MS
8.2
105
132
1.80
1.60
1.65
1.44
SDER041H-100MS
10.0
134
169
1.50
1.35
1.60
1.40
SDER041H-150MS
15.0
185
222
1.45
1.30
1.10
1.00
SDER041H-220MS
22.0
250
315
1.20
1.08
0.95
0.85
SDER041H-330MS
33.0
405
486
0.90
0.81
0.80
0.75
SDER041H-470MS
47.0
495
594
0.80
0.72
0.70
0.60
SDER041H-680MS
68.0
885
1062
0.58
0.52
0.48
0.43
SDER041H-101MS
100.0
1545
1854
0.52
0.47
0.46
0.41
*:If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:100KHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 125℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 125℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value is
lower.


Similar Part No. - SDER041H-5R6MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDER041B CYNTEC-SDER041B Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
SDER041B-000 CYNTEC-SDER041B-000 Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
SDER041B-100MS CYNTEC-SDER041B-100MS Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
SDER041B-150MS CYNTEC-SDER041B-150MS Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
SDER041B-220MS CYNTEC-SDER041B-220MS Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
More results

Similar Description - SDER041H-5R6MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDEM25201T-000 CYNTEC-SDEM25201T-000 Datasheet
96Kb / 4P
   Sealed Choke Coil SDEM25201T type
SDED20161T-000 CYNTEC-SDED20161T-000 Datasheet
94Kb / 4P
   Sealed Choke Coil SDED20161T type
SDER041B-000 CYNTEC-SDER041B-000 Datasheet
81Kb / 4P
   Sealed Choke Coil SDER041B type
SDES052T-000 CYNTEC-SDES052T-000 Datasheet
85Kb / 4P
   Sealed Choke Coil SDES052T type
SDET25201T-000 CYNTEC-SDET25201T-000 Datasheet
89Kb / 4P
   Sealed Choke Coil SDET25201T type
SDER031T-000 CYNTEC-SDER031T-000 Datasheet
77Kb / 3P
   Sealed Choke Coil SDER031T type
SDER041T-000 CYNTEC-SDER041T-000 Datasheet
75Kb / 4P
   Sealed Choke Coil SDER041T type
SDES064T-000 CYNTEC-SDES064T-000 Datasheet
260Kb / 6P
   Sealed Choke Coil SDES064T type
SDET25200H-000 CYNTEC-SDET25200H-000 Datasheet
75Kb / 3P
   Sealed Choke Coil SDET25200H type
SDEM25201B-000 CYNTEC-SDEM25201B-000 Datasheet
92Kb / 4P
   Sealed Choke Coil SDEM25201B type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com