Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QX5278 Datasheet(PDF) 2 Page - QX Micro Devices Co.,Ltd.

Part # QX5278
Description  Buck-boost LED driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QXMD [QX Micro Devices Co.,Ltd.]
Direct Link  http://www.qxmd.com.cn/
Logo QXMD - QX Micro Devices Co.,Ltd.

QX5278 Datasheet(HTML) 2 Page - QX Micro Devices Co.,Ltd.

  QX5278 Datasheet HTML 1Page - QX Micro Devices Co.,Ltd. QX5278 Datasheet HTML 2Page - QX Micro Devices Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
如需要下载完整的DATASHEET 文件内容,请写我司业务员联系!
    电话:0755-88852177
    谢谢!
QX5278
升降压型 LED 驱动器
1 of 9
QX5278_DS03CN
泉芯电子技术(深圳)有限公司
www.qxmd.com.cn


Similar Part No. - QX5278

ManufacturerPart #DatasheetDescription
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
QX5241 QXMD-QX5241 Datasheet
492Kb / 2P
   High-end detection buck constant current LED driver
logo
List of Unclassifed Man...
QX5252 ETC-QX5252 Datasheet
117Kb / 5P
   LED Driver QX5252
logo
QX Micro Devices Co.,Lt...
QX5252 QXMD-QX5252 Datasheet
1Mb / 2P
   Efficient solar LED lawn light driver
More results

Similar Description - QX5278

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
   40V, 2A BOOST/BUCK LED DRIVER
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com