Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3569 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3569
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3569 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3569 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3569
2004-03-04
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 µA, VDS = 0 V
±30
V
Drain cut-off current
IDSS
VDS = 600 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 5 A
0.54
0.75
Forward transfer admittance
Yfs
VDS = 10 V, ID = 5 A
0.7
8.5
S
Input capacitance
Ciss
1500
Reverse transfer capacitance
Crss
15
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
180
pF
Rise time
tr
22
Turn-on time
ton
50
Fall time
tf
36
Switching time
Turn-off time
toff
180
ns
Total gate charge
Qg
42
Gate-source charge
Qgs
23
Gate-drain charge
Qgd
VDD ∼− 400 V, VGS = 10 V, ID = 10 A
19
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
10
A
Pulse drain reverse current
(Note 1)
IDRP
40
A
Forward voltage (diode)
VDSF
IDR = 10 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1300
ns
Reverse recovery charge
Qrr
IDR = 10 A, VGS = 0 V,
dIDR/dt = 100 A/µs
16
µC
Marking
RL =
40
0 V
10 V
VGS
VDD ∼− 200 V
ID = 5 A
VOUT
50
Duty <= 1%, tw = 10 µs
※ Lot Number
TYPE
K3569


Similar Part No. - 2SK3569

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3569 TOSHIBA-2SK3569 Datasheet
236Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
2SK3569 TOSHIBA-2SK3569 Datasheet
218Kb / 6P
Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3569 ISC-2SK3569 Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3569 TOSHIBA-2SK3569 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SK3569 TOSHIBA-2SK3569_06 Datasheet
236Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
More results

Similar Description - 2SK3569

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8002 TOSHIBA-TPC8002 Datasheet
514Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3934 TOSHIBA-2SK3934 Datasheet
75Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3561 TOSHIBA-2SK3561 Datasheet
227Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com