Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3569 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3569
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3569 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3569 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3569 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3569
2004-03-04
5
500
400
300
200
100
0
25
50
75
100
125
150
0.01
10μ
0.1
1
10
100μ
1m
10m
100m
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 2.78°C/W
Duty=0.5
0.2
0.1
0.05
0.02
0.01
0.001
0.1
1
1
10
100
10
1000
100
VDSS max
0.01
CHANNEL TEMPERATURE (INITIAL)
Tch (°C)
EAS – Tch
rth – tw
PULSE WIDTH tw (s)
Duty=0.5
SINGLE PULSE
−15 V
15 V
TEST CIRCUIT
WAVE FORM
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 6.36mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
DRAIN-SOURCE VOLTAGE VDS (V)
SAFE OPERATING AREA
※ SINGLE NONREPETITIVE PULSE
Tc=25
CURVES
MUST
BE
DERATED
LINEARLY
WITH
INCREASE
IN
TEMPERATURE.
ID max (PULSED) *
ID max (CONTINUOUS) *
DC OPERATION
Tc
= 25°C
100
µs *
1 ms *


Similar Part No. - 2SK3569

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3569 TOSHIBA-2SK3569 Datasheet
236Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3569 TOSHIBA-2SK3569 Datasheet
218Kb / 6P
   Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3569 ISC-2SK3569 Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3569 TOSHIBA-2SK3569 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3569 TOSHIBA-2SK3569_06 Datasheet
236Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results

Similar Description - 2SK3569

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3561 TOSHIBA-2SK3561 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
TPC8002 TOSHIBA-TPC8002 Datasheet
514Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSVI)
2SK3934 TOSHIBA-2SK3934 Datasheet
75Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com