Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

518 Datasheet(PDF) 1 Page - Littelfuse

Part # 518
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

518 Datasheet(HTML) 1 Page - Littelfuse

  518 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050809
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
7,6
1
0,5
7
3,5
4,5
1,5
7,9
R3,2
7,6
7,6
19,5
12
5,8
4,8
1,1
6,6
4,6
0,4
20
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Clip / No. 518
518
518
518
518
lead free
lead free
lead free
lead free
lead free
Clip / No. 102071
102071
102071
102071
102071
lead free
lead free
lead free
lead free
lead free
PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount,
5x20 mm / 6.3x32 mm Fuses
5x20 mm / 6.3x32 mm Fuses
5x20 mm / 6.3x32 mm Fuses
5x20 mm / 6.3x32 mm Fuses
5x20 mm / 6.3x32 mm Fuses
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Specifications
Specifications
Specifications
Specifications
Specifications
Approvals
Approvals
Approvals
Approvals
Approvals
UL Recognized
PC Mount, 6.3x32 mm Fuses
PC Mount, 6.3x32 mm Fuses
PC Mount, 6.3x32 mm Fuses
PC Mount, 6.3x32 mm Fuses
PC Mount, 6.3x32 mm Fuses Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 7.6 mm pin spacing
Solder pins 0.5 x 1.5 mm
Materials
Materials
Materials
Materials
Materials
Clip:
Copper alloy
Solderable, tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
500 V
Max. Current/Power: 10A/4 W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.9 g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (2000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Clip
No. 102 0710 100
Mounting
Mounting
Mounting
Mounting
Mounting
PC Board, 5mm pin spacing
Kicked solder pins 0.4 x 1.1 mm
Materials
Materials
Materials
Materials
Materials
Clip:
Copper alloy
Solderable, tinned
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Electrical Data (23 ºC)
Rated Voltage:
250 V
Max. Current/Power: 10 A/2.5 W
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2 mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.9 g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (1000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Clip
No. 518 0000 100
Specifications are subject
Specifications are subject
Specifications are subject
Specifications are subject
Specifications are subject
to change without notice
to change without notice
to change without notice
to change without notice
to change without notice
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
518 ETC2-518 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
Choose from Several Pin Styles
logo
Oscilent Corporation
518-4.0M-315A OSCILENT-518-4.0M-315A Datasheet
142Kb / 2P
HCMOS / TTL / Clipped Sine
518-4.0M-315B OSCILENT-518-4.0M-315B Datasheet
142Kb / 2P
HCMOS / TTL / Clipped Sine
518-4.0M-315C OSCILENT-518-4.0M-315C Datasheet
142Kb / 2P
HCMOS / TTL / Clipped Sine
More results

Similar Description - 518

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
MINIATURE FUSEHOLDERS
268 LITTELFUSE-268 Datasheet
109Kb / 1P
MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
652 LITTELFUSE-652 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com