Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

268 Datasheet(PDF) 1 Page - Littelfuse

Part # 268
Description  MINIATURE FUSEHOLDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

268 Datasheet(HTML) 1 Page - Littelfuse

  268 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050211
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Specifications
Specifications
Specifications
Specifications
Specifications
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 266
266
266
266
266
Specifications
Specifications
Specifications
Specifications
Specifications
Mounting
Mounting
Mounting
Mounting
Mounting
For direct soldering to PC Boards.
Leads should not be twisted or bent closer
than 3mm from the cap.
Sharp bending of the leads can cause mechani-
cal weakness followed by breaking of the leads.
Materials
Materials
Materials
Materials
Materials
Holder:
Brass, silver-plated
Axial Leads:
Copper, tin-plated for soldering
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Maximum Current: 8A
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.4g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (2000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Holder
No. 266 0000 100
PC Mount,
PC Mount,
PC Mount,
PC Mount,
PC Mount, 6.
6.
6.
6.
6.33333xxxxx32mm
32mm
32mm
32mm
32mm Fuses
Fuses
Fuses
Fuses
Fuses
leadfree
leadfree
leadfree
leadfree
leadfree
Holder / No. 268
268
268
268
268
Mounting
Mounting
Mounting
Mounting
Mounting
For direct soldering to PC Boards.
Leads should not be twisted or bent closer
than 3mm from the cap.
Sharp bending of the leads can cause mechani-
cal weakness followed by breaking of the leads.
Materials
Materials
Materials
Materials
Materials
Holder:
Brass, nickel-plated
Axial Leads:
Copper, tin-plated for soldering
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Maximum Current: 8A
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conducting path - 0.2mm2
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.3g
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (5000 pcs.)
Order Number
Order Number
Order Number
Order Number
Order Number
Holder
No. 268 0000 100
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
PC Mount, 5x20mm Fuses
leadfree
leadfree
leadfree
leadfree
leadfree
3mm Cap depth
3mm Cap depth
3mm Cap depth
3mm Cap depth
3mm Cap depth
min. 27,6
Holes in the printed circuit board
internal
dimension
internal
dimension
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
268
0000
100
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Packaging
Packaging
Packaging
Packaging
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
266
0000
100
Specifications are subject to change without notice.
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.


Similar Part No. - 268

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Littelfuse
268.002V LITTELFUSE-268.002V Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
268.005V LITTELFUSE-268.005V Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
268.010V LITTELFUSE-268.010V Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
268.015V LITTELFUSE-268.015V Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
More results

Similar Description - 268

ManufacturerPart #DatasheetDescription
logo
Littelfuse
647 LITTELFUSE-647 Datasheet
91Kb / 1P
   MINIATURE FUSEHOLDERS
519 LITTELFUSE-519 Datasheet
89Kb / 1P
   MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
601 LITTELFUSE-601 Datasheet
99Kb / 1P
   MINIATURE FUSEHOLDERS
649 LITTELFUSE-649 Datasheet
94Kb / 1P
   MINIATURE FUSEHOLDERS
518 LITTELFUSE-518 Datasheet
69Kb / 1P
   MINIATURE FUSEHOLDERS
523 LITTELFUSE-523 Datasheet
85Kb / 1P
   MINIATURE FUSEHOLDERS
595 LITTELFUSE-595 Datasheet
168Kb / 1P
   MINIATURE FUSEHOLDERS
596 LITTELFUSE-596 Datasheet
216Kb / 1P
   MINIATURE FUSEHOLDERS
652 LITTELFUSE-652 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com