Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

197 Datasheet(PDF) 2 Page - Littelfuse

Part # 197
Description  MINIATURE FUSES - 5x20mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

197 Datasheet(HTML) 2 Page - Littelfuse

  197 Datasheet HTML 1Page - Littelfuse 197 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
050912
050912
050912
050912
050912
WebSite
Europe Tel: +49 2302 662-107
Americas Tel: +1 404 699-7820
Asia Tel: +852 26 14-1108
China Tel: +86 21 6432 5146
www.wickmanngroup.com E-mail: sales@wickmann.com
E-mail: service@wickmannusa.com
E-mail: sales@wickmann.com.hk
E-mail: sales@wickmann.cn
Contact WICKMANN for individual I-t curves
IIIII
Fault
Fault
Fault
Fault
Fault / I
/ I
/ I
/ I
/ I
Rated
Rated
Rated
Rated
Rated
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
5x20mm / No. 197
197
197
197
197
23
4
5
6
7
8 9
110
15
1.5
UL 248-14
I-t Characteristics
(Min-Max Limit)


Similar Part No. - 197

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
197 HONEYWELL-197 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
197 ETC2-197 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Altech corporation
197-049 ALTECH-197-049 Datasheet
906Kb / 26P
TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
197-069 ALTECH-197-069 Datasheet
2Mb / 18P
TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
197-080 ALTECH-197-080 Datasheet
906Kb / 26P
TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
More results

Similar Description - 197

ManufacturerPart #DatasheetDescription
logo
Littelfuse
195 LITTELFUSE-195 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
196 LITTELFUSE-196 Datasheet
87Kb / 2P
MINIATURE FUSES - 5x20mm
198 LITTELFUSE-198 Datasheet
61Kb / 2P
MINIATURE FUSES - 5x20mm
199 LITTELFUSE-199 Datasheet
86Kb / 2P
MINIATURE FUSES - 5x20mm
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
DIN41571 LITTELFUSE-DIN41571_1 Datasheet
82Kb / 2P
MINIATURE FUSES 5x20mm
logo
Dubilier
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0520T CAMDENBOSS-CFB0520T Datasheet
1Mb / 1P
5x20mm glass fuses
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
5x20mm ceramic fuses
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
5x20mm ceramic fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com