Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

377604 Datasheet(PDF) 1 Page - Adels-Contact

Part # 377604
Description  GST 864 HG/ 4
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

377604 Datasheet(HTML) 1 Page - Adels-Contact

  377604 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/02/2020
Pluggable PCB Connectors
GST 864 HG/ 4
Male Header Horizontal, Pin Spacing: 5.08 mm, 4 pole, Voltage Rating: 250 V, Current Rating: 8 A, Connection
Type: Solder
Order Info
Reference Number (ref. no.)
377604
Applications
Lighting, Electrical Appliances, Electronics
PU
300
Type
Type
Male Header Horizontal
Number of poles
4 pole
Colour
blue
Connection Type
Solder
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250 V
Current Rating
8 A
Insulating Material
PBT
Contact Material
Brass
Flammability Rating
V-0
max. Ambient Temperature Operation
60 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Pin Spacing
5.08 mm
Approbation EN61984
GSK760_GST760_GSK_864_GSK864_EN61984_20060227_20110511_VDE_40016970_web.pdf
Approbation UL
GSK760_GSK860_GSK864_GSK865_UL_E63492_1-11_Description_web.pdf
Approbation CSA
GSK_GST_Printklemmen_Serie_20160404_CSA_70070893_Certificate_web.pdf


Similar Part No. - 377604

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
377602 ADELS-377602 Datasheet
109Kb / 1P
GST 864 HG/ 2
377603 ADELS-377603 Datasheet
117Kb / 1P
GST 864 HG/ 3
377605 ADELS-377605 Datasheet
109Kb / 1P
GST 864 HG/ 5
377606 ADELS-377606 Datasheet
109Kb / 1P
GST 864 HG/ 6
More results

Similar Description - 377604

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
366604 ADELS-366604 Datasheet
117Kb / 1P
GST 760 HG/ 4
368604 ADELS-368604 Datasheet
119Kb / 1P
GST 860 HG/ 4
377504 ADELS-377504 Datasheet
109Kb / 1P
GST 864 VG/ 4
377512 ADELS-377512 Datasheet
109Kb / 1P
GST 864 VG/12
377602 ADELS-377602 Datasheet
109Kb / 1P
GST 864 HG/ 2
377603 ADELS-377603 Datasheet
117Kb / 1P
GST 864 HG/ 3
377605 ADELS-377605 Datasheet
109Kb / 1P
GST 864 HG/ 5
377606 ADELS-377606 Datasheet
109Kb / 1P
GST 864 HG/ 6
377612 ADELS-377612 Datasheet
109Kb / 1P
GST 864 HG/12
378604 ADELS-378604 Datasheet
119Kb / 1P
GST 865 HG/ 4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com