Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD01 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA602AD01
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD01 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA602AD01 Datasheet HTML 5Page - NXP Semiconductors SA602AD01 Datasheet HTML 6Page - NXP Semiconductors SA602AD01 Datasheet HTML 7Page - NXP Semiconductors SA602AD01 Datasheet HTML 8Page - NXP Semiconductors SA602AD01 Datasheet HTML 9Page - NXP Semiconductors SA602AD01 Datasheet HTML 10Page - NXP Semiconductors SA602AD01 Datasheet HTML 11Page - NXP Semiconductors SA602AD01 Datasheet HTML 12Page - NXP Semiconductors SA602AD01 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
9 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
13. Performance curves
Fig 9.
Supply current versus temperature
Fig 10. Conversion gain versus temperature
Fig 11. Third-order intercept point versus temperature
Fig 12. Noise Figure versus temperature
RF1 = 45 MHz; IF = 455 kHz; RF2 = 45.06 MHz
Fig 13. Third-order intercept and compression
Fig 14. Input third-order intercept point versus
supply voltage
1.5
3.0
2.5
2.0
3.5
ICC
(mA)
aaa-013241
Tamb (°C)
−40
90
−20
0
20
40
60
80
VCC = 8.5 V
6.0 V
4.5 V
16.0
18.0
20.0
Gconv
(dB)
14.0
aaa-013242
Tamb (°C)
−40
90
−20
0
20406080
VCC = 8.5 V
6.0 V
4.5 V
−14.0
−12.0
−10.0
IP3i
(dBm)
−16.0
aaa-013243
Tamb (°C)
−40
90
−20
0
20
40
60
80
4.0
5.5
5.0
4.5
6.0
NF
(dB)
aaa-013244
Tamb (°C)
−40
90
−20
0
20
40
60
80
VCC = 8.5 V
6.0 V
4.5 V
RF input level (dBm)
−80
20
0
−40
−20
−60
aaa-013245
−40
0
40
−80
IF output power
(dBm)
third-order product
fund. product
aaa-013246
VCC (V)
410
8
6
−18
−12
−14
−16
−10
IP3i
(dBm)


Similar Part No. - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com