Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD01 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA602AD01
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD01 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA602AD01 Datasheet HTML 1Page - NXP Semiconductors SA602AD01 Datasheet HTML 2Page - NXP Semiconductors SA602AD01 Datasheet HTML 3Page - NXP Semiconductors SA602AD01 Datasheet HTML 4Page - NXP Semiconductors SA602AD01 Datasheet HTML 5Page - NXP Semiconductors SA602AD01 Datasheet HTML 6Page - NXP Semiconductors SA602AD01 Datasheet HTML 7Page - NXP Semiconductors SA602AD01 Datasheet HTML 8Page - NXP Semiconductors SA602AD01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
4 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
7.
Functional description
The SA602A is a Gilbert cell, an oscillator/buffer, and a temperature-compensated bias
network as shown in Figure 3. The Gilbert cell is a differential amplifier (IN_A and IN_B
pins) that drives a balanced switching cell. The differential input stage provides gain and
determines the noise figure and signal handling performance of the system.
The SA602A is designed for optimum low-power performance. When used with the
SA604A as a 45 MHz cellular radio second IF and demodulator, the SA602A is capable of
receiving
119 dBm signals with a 12 dB S/N ratio. Third-order intercept is typically
13 dBm (that is approximately +5 dBm output intercept because of the RF gain). The
system designer must be cognizant of this large signal limitation. When designing LANs or
other closed systems where transmission levels are high, and small-signal or
signal-to-noise issues are not critical, the input to the SA602A should be appropriately
scaled.
Besides excellent low-power performance well into VHF, the SA602A is designed to be
flexible. The input, RF mixer output and oscillator ports support various configurations
provided the designer understands certain constraints, which are explained here.
The RF inputs (IN_A and IN_B pins) are biased internally. They are symmetrical. The
equivalent AC input impedance is approximately 1.5 k
 3 pF through 50 MHz. IN_A and
IN_B pins can be used interchangeably, but they should not be DC biased externally.
Figure 4 shows three typical input configurations.
Fig 3.
Equivalent circuit
aaa-013205
18 kΩ
25 kΩ
buffer
6
7
BIAS
1.5 kΩ
4
1.5 kΩ
5
BIAS
1
1.5 kΩ
3
GND
1.5 kΩ
BIAS
2


Similar Part No. - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com