Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD01 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA602AD01
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD01 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA602AD01 Datasheet HTML 11Page - NXP Semiconductors SA602AD01 Datasheet HTML 12Page - NXP Semiconductors SA602AD01 Datasheet HTML 13Page - NXP Semiconductors SA602AD01 Datasheet HTML 14Page - NXP Semiconductors SA602AD01 Datasheet HTML 15Page - NXP Semiconductors SA602AD01 Datasheet HTML 16Page - NXP Semiconductors SA602AD01 Datasheet HTML 17Page - NXP Semiconductors SA602AD01 Datasheet HTML 18Page - NXP Semiconductors SA602AD01 Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
16 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
19. Revision history
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
SA602A v.3
20140527
Product data sheet
-
SA602A v.2
Modifications:
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP
Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Section 1 “General description”, last sentence: deleted “8-lead dual in-line plastic package”
• Table 1 “Ordering information”:
– Type number SA602AN (DIP8 package, SOT97-1 package outline) is discontinued and removed
from this data sheet
– Type number changed from “SA602AD” to “SA602AD/01”
Added Section 4.1 “Ordering options”
Added Section 6.2 “Pin description”
• Figure 7 “Colpitts oscillator suitable for synthesizer applications and typical buffers”:
capacitor value corrected from “0.10 pF” to “10 nF” (above pin 8)
• Figure 8 “Typical application for cellular radio”: component value corrected from “34.545 MHz third
overtone crystal” to “44.545 MHz third overtone crystal”
• Table 5 “Thermal characteristics”: deleted characteristic values for “N package” (SA602AN)
Old table “AC/DC electrical characteristics” split into Table 6 “Static characteristics” and
Table 7 “Dynamic characteristics”
• Table 7 “Dynamic characteristics”, Conditions for IP3i, input third-order intercept point,
corrected from “f1” to “RF1” and from “f2” to “RF2”
• Figure 15 “Test configuration”: component values corrected throughout this drawing
Package outline SOT97-1 (DIP8) is deleted
Added soldering information
Added Section 17 “Soldering: PCB footprints”
Added Section 18 “Abbreviations”
SA602A v.2
19971107
Product specification
853-1424 18662
NE/SA602A v.1
NE/SA602A v.1
19900417
Product specification
853-1424 99374
-


Similar Part No. - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
DOUBLE-BALANCED MIXER
logo
NXP Semiconductors
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
logo
NXP Semiconductors
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com