Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors SA602AD Datasheet HTML 10Page - NXP Semiconductors SA602AD Datasheet HTML 11Page - NXP Semiconductors SA602AD Datasheet HTML 12Page - NXP Semiconductors SA602AD Datasheet HTML 13Page - NXP Semiconductors SA602AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
10 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
14. Test information
Fig 15. Test configuration
aaa-013203
SA602A
45 MHz
RF input
47 pF
220 pF
100 nF
0.209 μH
to
0.283 μH
10 pF
1 nF
22 pF
44.545 MHz
third overtone crystal
0.5 μH to
1.3 μH
303 μH
to
765 μH
100 nF
560 pF
330 pF
455 kHz
IF output
10 nF
100 nF
5.5 μH
VCC
6.8 μF


Similar Part No. - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
DOUBLE-BALANCED MIXER
logo
NXP Semiconductors
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
logo
NXP Semiconductors
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com