Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD Datasheet(HTML) 1 Page - NXP Semiconductors

  SA602AD Datasheet HTML 1Page - NXP Semiconductors SA602AD Datasheet HTML 2Page - NXP Semiconductors SA602AD Datasheet HTML 3Page - NXP Semiconductors SA602AD Datasheet HTML 4Page - NXP Semiconductors SA602AD Datasheet HTML 5Page - NXP Semiconductors SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The SA602A is a low-power VHF monolithic double-balanced mixer with input amplifier,
on-board oscillator, and voltage regulator. It is intended for high-performance, low-power
communication systems. The guaranteed parameters of the SA602A make this device
well-suited for cellular radio applications. The mixer is a ‘Gilbert cell’ multiplier
configuration which typically provides 18 dB of gain at 45 MHz. The oscillator operates to
200 MHz. It can be configured as a crystal oscillator, a tuned tank oscillator, or a buffer for
an external LO. For higher frequencies, the LO input may be externally driven. The noise
figure at 45 MHz is typically less than 5 dB. The gain, intercept performance, low-power
and noise characteristics make the SA602A a superior choice for high-performance
battery operated equipment. It is available in an 8-lead SO (surface-mount miniature
package).
2.
Features and benefits
Low current consumption: 2.4 mA typical
Excellent noise figure: <4.7 dB typical at 45 MHz
High operating frequency
Excellent gain, intercept and sensitivity
Low external parts count; suitable for crystal/ceramic filters
SA602A meets cellular radio specifications
3.
Applications
Cellular radio mixer/oscillator
Portable radio
VHF transceivers
RF data links
HF/VHF frequency conversion
Instrumentation frequency conversion
Broadband LANs
SA602A
Double-balanced mixer and oscillator
Rev. 3 — 27 May 2014
Product data sheet


Similar Part No. - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com