Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA602AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA602AD Datasheet HTML 2Page - NXP Semiconductors SA602AD Datasheet HTML 3Page - NXP Semiconductors SA602AD Datasheet HTML 4Page - NXP Semiconductors SA602AD Datasheet HTML 5Page - NXP Semiconductors SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors SA602AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SA602A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 27 May 2014
6 of 19
NXP Semiconductors
SA602A
Double-balanced mixer and oscillator
The oscillator can sustain oscillation beyond 200 MHz in crystal or tuned tank
configurations. The upper limit of operation is determined by tank ‘Q’ and required drive
levels. The higher the ‘Q’ of the tank or the smaller the required drive, the higher the
permissible oscillation frequency. If the required LO is beyond oscillation limits, or the
system calls for an external LO, the external signal can be injected at OSC_B (pin 6)
through a DC blocking capacitor. External LO should be at least 200 mV (peak-to-peak).
Figure 6 shows several proven oscillator circuits. Figure 6a is appropriate for cellular
radio. As shown, an overtone mode of operation is utilized. Capacitor C3 and inductor L1
suppress oscillation at the crystal fundamental frequency. In the fundamental mode, the
suppression network is omitted.
Figure 7 shows a Colpitts varactor tuned tank oscillator suitable for synthesizer-controlled
applications. It is important to buffer the output of this circuit to assure that switching
spikes from the first counter or prescaler do not end up in the oscillator spectrum. The
dual-gate MOSFET provides optimum isolation with low current. The FET offers good
isolation, simplicity, and low current, while the bipolar transistors provide the simple
solution for non-critical applications. The resistive divider in the emitter-follower circuit
should be chosen to provide the minimum input signal that assures correct system
operation.
When operated above 100 MHz, the oscillator may not start if the Q of the tank is too low.
A 22 k
 resistor from OSC_E (pin 7) to ground increases the DC bias current of the
oscillator transistor. This improves the AC operating characteristic of the transistor and
should help the oscillator to start. A 22 k
 resistor does not upset the other DC biasing
internal to the device, but smaller resistance values should be avoided.
a. Colpitts crystal
oscillator
(overtone mode)
b. Colpitts L/C tank
oscillator
c. Hartley L/C tank
oscillator
Fig 6.
Oscillator circuits
SA602A
aaa-013237
C1
C3
C2
XTAL
L1
SA602A
aaa-013238
SA602A
aaa-013239


Similar Part No. - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602AD PHILIPS-SA602AD Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
More results

Similar Description - SA602AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com