Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 2 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
V+
Supply Voltage . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
V-
Supply Voltage . . . . . . . . . . . . . . . . . . . . . 0.03V to -16V
B+, B-
Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . V- to V+
Sense+
Input Voltages. . . . . . . . . . . . . (-2V + B+) to (0.3V +B+)
Sense-
Input Voltages. . . . . . . . . . . . . . (-0.3V + B-) to (2V + B-)
E, VSR,
OE, Data
Input Voltages. . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6V
VCH, VCL Input Voltages . . . . . . . . . . . . . . . . B- to B+ and V- to V+
Sense Out
Output Current. . . . . . . . . . . . . . . . . . -10mA to +10mA
VOUT, Drive+,
Drive-
Output Currents. . . . . . . . . . . . . . . . . . . . -45mA to +45mA
TJ
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 150°C
TA
Operating Ambient
Temperature Range. . . . . . . . . . . . . . . . . . . . 0°C to +75°C
TST
Storage Temperature. . . . . . . . . . . . . . . . . -65°C to +150°C
PD
Power Dissipation (TA = 25°C)
(See Curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8W
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = 25°C, V+ = 15, V- = -10V, B+ = VCH +3.6V, B- = VCL -3.6V, No Load. Data and OE levels are:
L = 2.0V and H = 3.0V (CMOS thresholds). E levels are: L = 1.5V and H = 3.5V. All tests done using
2N2222 and 2N2907 output transistors with Beta>40 @ IC = 400mA and Beta>27 @ IC = 500mA and
VCE = 3.1V. OE and E low.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
IS
V+, -Supply Currents
VCH = 5V, VCL = 0, VSR = 2.5V, Data = H or L
VCH = 11V, VCL = -6V, VSR = 5V, Data = H or L
VCH = -6V, VCL = 11V, VSR+2.5V, Data = H or L
15
21
15
25
33
25
30
45
30
mA
mA
mA
IS, disabled
V+, -Supply Currents
VCH = 5V, VCL = 0V, VSR = 2.5V, Data = H or L, E = H
0
0.5
2.5
mA
IVCH
VCH Input Current
VCH = -1V to +7.5V, VCL = 0V, VSR = 5V,
Data = H or L
-20
5
20
µA
IVCL
VCL Input Current
VCL = -3.5V to +3.5V, VCH = 0V, VSR = 5V,
Data = H or L
-20
-5
20
µA
IDATA
Data Input Current
VCH = 5V, VCL = 0V, VSR = 5V, Data = 0 or 5V
-50
5
50
µA
IOE
OE Input Current
VCH = 5V, VCL = 0V, VSR = 5V, Data = L, OE = 0V or 5V
-20
5
20
µA
IE
E Input Current
VCH = 5V, VCL = 0V, VSR = 5V, Data = L, E = 0V or 5V
-20
2
20
µA
IVSR
VSR Input Current
VCH = 5V, VCL = 0V, Data = L, VSR = 0V or 5V
-20
2
20
µA
±ISENSE
Sense Input Currents
VCH = 5V, VCL = 0V, VSR = 5V, Data = 0V or 5V
-20
5
20
µA
IB+, IB-
B+, B- Input Currents
VCH = 5V, VCL = 0V, Data = L, VSR = 5V
-20
5
20
µA
VO
Output Voltage
V+ = 14.5V, V- = -9.5V
VCH = 5V, VCL = 0, VSR = 1V, Data = L,
Output Current = -100mA, 0mA, or +100mA
Output Current = -400mA or +400mA
Output Current = -500mA or +500mA
VCH = 5V, VCL = 0, VSR = 1V, Data = H
Output Current = -100mA, 0mA, or +100mA
Output Current = -400mA or +400mA
Output Current = -500mA or +500mA
VCH = 11V, VCL = -6V, VSR = 1V, IOUT = 0, Data = L
VCH = 11V, VCL = -6V, VSR = 1V, IOUT = 0, Data = H
-50
-300
-600
4.95
4.7
4.4
-6.1
10.9
50
300
600
5.05
5.3
5.6
-5.9
11.1
mV
mV
mV
V
V
V
V
V
ISENSE+
ISENSE-
+ISENSE Threshold
-ISENSE Threshold
VCH = 5V, VCL = 0, VSR = 2.5V, RSENSE = 1Ω, Data = H
VCH = 5V, VCL = 0, VSR = 2.5V, RSENSE = 1Ω, Data = L
400
-400
450
-450
600
-600
mA
mA
VO, SENSE
Sense Out Levels
VCH = 5V, VCL = 0, VSR = 2.5V, Data L or H,
Output Current = -350mA or +350mA
Output Current = -550mA or +550mA
0
3.5
0.6
5.0
V
V
IOUT,TRI
High-Impedance
Output Leakage
VCH = 5V, VCL = 0, VSR = 2.5V, Data = L, OE = H,
Output Voltage = -2.5V or +7.5V
-100
5
100
µA
EL2021


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com