Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 1 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7027
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2021
Monolithic Pin Driver
The EL2021 is designed to drive
programmed voltages into difficult
loads. It has the required circuitry to be
used as the pin driver electronics in board test systems.
Capable of overpowering logic outputs, the part can
accurately drive independently set high and low levels with
programmed Slew Rates into reactive loads. It can also be
placed into high impedance to monitor the load without
having to disconnect. Previous board testers had
multiplexing schemes to reduce the number of pin drivers
required. With the small size and power consumption of the
monolithic EL2021, a driver per node with little or no
multiplexing becomes practical. Since only a few pins of
“bed-of-nails” board testers need be active at any given time,
the power-down feature saves substantial power in large
systems.
Pinout
EL2021
(18-PIN DIP)
TOP VIEW
Features
• Wide range of programmable analog output levels
• 0.5 Ampere output drive with external transistors
• Programmable Slew Rate
• Low overshoot with large capacitive loads-stable with
500pF
• 3-state output
• Power-down capability
• Wide supply range
• Overcurrent sense
Applications
• Loaded circuit board testers
• Digital testers
• Programmable 4-quadrant power supplies
Block Diagram
Ordering Information
PART NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2021CJ
0°C to +75°C
CerDIP
MDP0031
Truth Table
E
OE
DATA
VOUT
COMMENTS
00
0
VCL
Active
00
1
VCH
Active
0
1
X
High-Z
Third State
1
X
X
Undefined
Power-down
Data Sheet
November 1993, Rev. F
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur Te
chni
cal S
uppo
rt Ce
nter
at
1-88
8-INT
ERS
IL or
www
.inte
rsil.c
om/t
sc


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com