Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 7 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Power Supplies
In typical operation, V+ and V- can be as much as ±15V and
as little as VCH +3V and VCL -3V, respectively. When driving
heavy output currents, however, it is wise to have 5V of
headroom above VCH and below VCL to ensure no
saturation of devices within the EL2021 and attendant
waveshape distortions. Thus, for VCH = 5V and VCL = -2V,
minimum operating voltages are +10, -7V. It is very important
to bypass the supply terminals with low-inductance
capacitors to ground, since the full base drive currents of the
output transistors are derived from these supplies. Because
the pulse currents can reach 60mA, the capacitors should be
at least a microfarad; 4.7µF tantalum are ideal and require
no small bypasses in parallel.
B+ and B- can be any voltage within V+ and V- and some
amount previously discussed above VCH and below VCL. If
VCH or VCL exceeds B+ or B-, very large internal fault
currents can flow when the EL2021 attempts to bring an
output transistor's base beyond the collector voltage. The
bypassing care of the V± lines apply to the B± lines, as well
as the fact that ampere currents can occur. Large (100µF–
500µF) capacitors should be used to bypass perhaps every
tenth EL2021.
The VCH, VCL, Data and OE lines should be driven locally so
as to not pick up magnetic interference from the output. The
inductance of interconnects to these lines can allow coupling
to cause waveshape anomalies or even oscillations. If long
lines are unavoidable, local 1k resistors or 50pF–100pF
capacitors to ground can also serve the purpose.
Data Pin
The slew rate of the input to the Data pin should be kept less
than 1000V/µs. Some feedthrough can occur for large Slew
Rates which will distort the output waveshape. A 1k–2k
resistor in series with the data pin will reduce feedthrough.
Current Sense
The output current is sensed by comparing the voltage
dropped across the external shunt resistors to an internal
0.45V reference. The center of the trip level is adjusted for
the particular output transistor betas listed in the data
specifications. Transistors with less beta at high currents will
cause the sense comparators to trip at slightly higher output
currents. The 1
Ω shunt resistors should be non-inductive.
The family of wirewound resistors called “non-inductive” are
too inductive for these shunts.
The response of the Sense Out can be thought of as slow
attack and fast decay. A continuous overcurrent condition
must last for at least 2µs before Sense Out will go high, but
will clear to low only about 200ns after the overcurrent is
withdrawn. This allows transient currents due to slewing
capacitive load to not generate a flag. On the other hand, the
output transistors will not be damaged with only a 2µs
system reaction time to a short-circuit.
Construction Practices
The major cautions in connecting to the EL2021 involve
magnetic rather than capacitive parasitic concerns. The
circuits can output as much as 100A/µs. Even with normal
Slew Rates and moderately large capacitive loads, the dI/dT
can cause magnetic fields in harmless looking wires to fill
adjacent lines with noise, and sometimes ringing or even
sustained feedback. Thus, rules for wiring the EL2021 are:
1. Keep leads short and large. Short wires are less
inductive, as are wires with large surface area. The large
surface area also reduces skin resistance at high
frequencies, important at high currents (at 100MHz,
current penetrates only a few microns in metals).
2. Use a ground plane. Due to inductance and skin effect,
“ground” voltages will be different only inches apart on a
copper ground plane. Individual wires do not create
ground at high frequencies. The common “star” ground is
a very bad idea for high-current and high-frequency
circuits.
3. Dress all wires against the ground plane. The magnetic
fields that the wires would have generated will be
intercepted by the ground plane and absorbed, thus
reducing the wire's effective inductance. The capacitance
added by this method is not important to EL2021
operation.
4. The external transistors should have short interconnects
to the EL2021, the collector shunt resistors, and the
bypass capacitors. As previously stated, the shunt
resistors must not be wire wound because of their
inductance.
5. The bypass capacitors should have low series resistance
and inductance, but should not have a high Q. This may
seem contradictory, but a 4.7µF tantalum capacitor
seems to work the best. An electrolytic capacitor should
be added to help bolster the supply levels in the 0.1µs–
1µs after a transition. No small capacitors are needed in
parallel with the tantalums. The bypasses' ground returns
FIGURE 2. SIMPLIFIED OUTPUT STAGE (HIGH-IMPEDANCE
MODE)
EL2021


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com