Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 5 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves (Continued)
Applications Information
Output Stage
To meet the requirements of low output impedance, wide
bandwidth, and large capacitive load driving capability, the
EL2021 has a fairly exotic output stage. Figure 1 shows a
simplified schematic of the circuit, only applicable in normal,
low impedance mode. External transistors are used to
handle the large load currents and peak power dissipations.
Since there is no need for good AC crossover distortion
performance in a pin driver, the output transistors are
operated class C. That is, for small output currents, neither
output transistor will conduct bias current, and when load
currents do flow, one of the devices is off. This is
accomplished by biasing the output transistors from Schottky
diodes D1 and D2. In operation, the diode forward voltage is
about 0.4V, whereas the “on” output transistor will have a
VBE of 0.6V. This leaves only 0.2V across the “off”
transistor's base-emitter junction, not nearly enough to
cause bias currents to flow in it. Schottky diodes have a
temperature drift similar to silicon transistors, so the class C
bias maintains over temperature. One caution is that the
diodes are in the IC package and are thermally separate
from the transistors, so there can exist temperature
differences between packages that can cause thermal
runaway. Runaway is avoided as long as the external
transistors are not hotter than the EL2021 package by more
than 80°C. The only way runaway has been induced as of
this writing is to use “freeze spray” on the IC package while
the output transistors are very hot.
Overshoot vs VSR
Overshoot vs VSR
Slew Rate vs VSR
Tri-State Leakage vs
Output Voltage
Supply Current vs
Supply Voltage
VOUT vs Load Current
Supply Current vs VSR
Power Dissipation vs
Temperature
EL2021


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
   500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
   800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
   200 MHz Monolithic Dual Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com