Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 4 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Curves
Family of output waveshapes.
ECL, TTL, CMOS, HCMOS
with C1 = 50pF, VSR = 1V.
Family of output waveshapes.
ECL, TTL, CMOS, HCMOS
with C1 = 200pF, VSR = 1V.erting Gains
Output waveshapes with
5 MHz data rate. C1 = 50pF,
VSR = 4V.
Family of output waveshapes.
ECL, TTL, CMOS, HCMOS
with C1 = 200pF, VSR = 1V,
and overcompensated with
22pF from each drive pin
to ground.
Family of output waveshapes
from active H, L to
high-impedance H, L.
Family of output waveshapes
from high-impedance H, L
to active H, L.
Family of + output edges,
0V to 5V for VSR = 0.5V, 1V,
2V, 3V, 5V.
Family of—output edges,
5V to 0V or VSR = 0.5V, 1V,
2V, 3V, 5V.
EL2021


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Semtech Corporation
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
500 MHz Monolithic Dual Pin Electronics Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
200 MHz Monolithic Dual Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com