Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2021 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2021
Description  Monolithic Pin Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2021 Datasheet(HTML) 3 Page - Intersil Corporation

  EL2021 Datasheet HTML 1Page - Intersil Corporation EL2021 Datasheet HTML 2Page - Intersil Corporation EL2021 Datasheet HTML 3Page - Intersil Corporation EL2021 Datasheet HTML 4Page - Intersil Corporation EL2021 Datasheet HTML 5Page - Intersil Corporation EL2021 Datasheet HTML 6Page - Intersil Corporation EL2021 Datasheet HTML 7Page - Intersil Corporation EL2021 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AC Electrical Specifications
DC test conditions apply except where noted. For AC tests, RL = 1k, CL = 200pF. Delay times are
measured from OE or Data crossing 2.5V, VCH = 5V, VCL = 0.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNITS
SR+
+Slew Rate
Data L to H, Output from 0.5V to 4.5V, VSR = 1V
VSR = 3V
80
150
100
240
120
360
V/µs
V/µs
SR-
-Slew Rate
Data H to L, Output from 4.5V to 0.5V, VSR = 1V
VSR = 3V
-80
-150
-100
-240
-120
-360
V/µs
V/µs
SRSYM
Slew Rate
Symmetry
-10
-20
10
20
%
%
TPD
Propagation Delay
Data L to H, Output to 0.2V, VSR = 2.5V
Data H to L, Output to 4.8V, VSR = 2.5V
6.5
6.5
9
9
11.5
11.5
ns
ns
TS
Settling Time
VSR = 5V, Data L to H, Output 4.5V to 5V±0.2V
VSR = 5V, Data H to L, Output 0.5V to ±0.2V
30
30
ns
ns
OS
Overshoot
VSR = 1V, Data L to H or H to L
VSR = 1V, OE H to L, Data = L, RL to 5V
VSR = 1V, OE H to L, Data = H, RL to 0V
-300
-300
-300
300
300
300
mV
mV
mV
TPDA
Propagation Delay,
High-Z to Active
VSR = 2.5V, OE H to L, CL = 50pF
RL to 5V, Data = L, Output to 3.5V
RL to 0V, Data = H, Output to 1.5V
50
50
ns
ns
TPDH
Propagation Delay,
Active to High-Z
VSR = 2.5V, OE L to H, CL = 50pF,
Data = L, RL to 5V, Output to 0.5V
Data = H, RL to 0V, Output to 4.5V
50
50
ns
ns
Pin Description Table
PIN #
NAME
DESCRIPTION
1
GND
System ground.
2
E
Enable control input. A logic low allows normal operation; a logic high puts the device into
power down mode. No output levels are defined in powerdown nor does the output behave
as a high impedance.
3
OE
Output Enable input. A logic low sets the output to low-impedance driver mode; a logic high
places the output into a high-impedance state.
4VCL
Lower analog control input. When Data = OE = E = L, the VCL level is output as VOUT
(assuming VCL < VCH).
5
B-
System power supply. The EL2021 uses this pin as a negative output current monitor connection.
Little current is drawn from this pin, transient or static.
6ISENSE-
Negative output current monitor input.
7
V-
Negative power supply. Because all negative output drive currents come from this pin
(as much as 60mA transiently), good bypassing is essential.
8
Drive-
Output to external pnp transistor base.
9VOUT
High-current input and output, depending on OE.
10
Drive+
Output to external npn transistor base.
11
Sense Out
Logic output which signals that a high + or - output current is flowing.
12
V+
Positive power supply. Like V-, it should be well bypassed.
13
ISENSE+
Positive output current monitor input.
14
B+
System power supply, similar to B-.
15
VCH
Higher analog control input. When Data = H and OE = E = L, the VCH level is output as
VOUT (assuming VCH > VCL).
16
VSR
Slew rate control input. A 1V level on this pin causes the output to slew at 100V/µs, 0.5V
causes a slew rate of 50V/µs, etc.
17
Data
Output level control input. This pin digitally selects VCL or VCH as the output voltage
when OE = E = L.
18
N/C
Not Connected.
SR+
()-SR-
()
SR+
()+SR-
()
--------------------------------------
VSR
1V
=
VSR
2V
=
EL2021


Similar Part No. - EL2021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EL2020 AD-EL2020 Datasheet
345Kb / 12P
Improved Second Source to the EL2020
REV. A
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
More results

Similar Description - EL2021

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E692AHJ SEMTECH-E692AHJ Datasheet
128Kb / 16P
200 MHz Monolithic Dual Pin Electronics Driver
E693AHJ SEMTECH-E693AHJ Datasheet
76Kb / 11P
500 MHz Monolithic Dual Pin Electronics Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
Monolithic High-Speed Pin Driver
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
800MHz Monolithic Pin Driver
September 1998
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
Monolithic High-Speed Pin Driver
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
High Speed, Monolithic Pin Driver
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
High Speed, Monolithic Pin Driver
September 7, 2010
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
High Speed, Monolithic Pin Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com