Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R8BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 06035J0R8BS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R8BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 06035J0R8BS Datasheet HTML 5Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 6Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 7Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 8Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 9Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 10Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 11Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 12Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MMG3014NT1
9
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
Table 12. Common Emitter S--Parameters (VCC =5 Vdc, TA =25C, 50 Ohm System)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

250
0.622
174.6
10.280
153.8
0.0336
0.6
0.448
--171.6
300
0.618
174.0
10.107
148.3
0.0336
0.3
0.457
--171.9
350
0.616
173.4
9.933
143.1
0.0337
--0.1
0.465
--172.5
400
0.613
173.0
9.760
138.3
0.0337
--0.4
0.475
--173.3
450
0.611
172.5
9.586
133.8
0.0338
--0.6
0.483
--174.0
500
0.611
172.0
9.300
129.8
0.0338
--0.8
0.490
--174.9
550
0.610
171.4
9.009
126.0
0.0339
--1.0
0.497
--175.8
600
0.610
170.9
8.716
122.4
0.0339
--1.2
0.503
--176.8
650
0.610
170.4
8.363
119.2
0.0340
--1.4
0.508
--177.9
700
0.611
169.9
8.064
116.2
0.0340
--1.6
0.512
--178.9
750
0.615
169.5
7.734
113.3
0.0341
--1.7
0.517
176.5
800
0.618
171.8
7.403
110.9
0.0342
--1.8
0.526
175.5
850
0.621
171.4
7.073
108.4
0.0342
--1.9
0.533
174.5
900
0.625
170.9
6.838
106.0
0.0343
--2.0
0.536
173.5
950
0.624
170.2
6.629
103.7
0.0343
--2.2
0.536
172.6
1000
0.624
169.6
6.422
101.5
0.0344
--2.3
0.537
171.8
1050
0.624
168.9
6.227
99.4
0.0344
--2.5
0.537
170.9
1100
0.625
168.3
6.044
97.3
0.0346
--2.7
0.538
169.9
1150
0.626
167.6
5.866
95.4
0.0347
--2.8
0.538
169.1
1200
0.628
166.9
5.700
93.5
0.0349
--3.0
0.539
168.2
1250
0.629
166.1
5.545
91.7
0.0351
--3.2
0.540
167.3
1300
0.632
165.4
5.393
89.9
0.0352
--3.4
0.540
166.5
1350
0.634
164.6
5.257
88.2
0.0354
--3.6
0.541
165.6
1400
0.636
163.8
5.117
86.5
0.0355
--3.8
0.543
164.9
1450
0.640
163.0
4.988
84.8
0.0356
--4.0
0.544
164.1
1500
0.643
162.2
4.864
83.2
0.0357
--4.2
0.545
163.3
1550
0.646
161.3
4.742
81.7
0.0359
--4.4
0.547
162.6
1600
0.649
160.5
4.630
80.1
0.0360
--4.5
0.549
161.8
1650
0.653
159.7
4.517
78.6
0.0361
--4.8
0.550
161.1
1700
0.657
158.9
4.414
77.1
0.0362
--5.0
0.552
160.3
1750
0.661
158.0
4.312
75.6
0.0363
--5.2
0.554
159.6
1800
0.665
157.2
4.215
74.2
0.0364
--5.5
0.556
158.9
1850
0.669
156.4
4.123
72.7
0.0364
--5.7
0.557
158.2
1900
0.673
155.5
4.033
71.3
0.0365
--6.0
0.559
157.4
1950
0.677
154.7
3.947
69.8
0.0366
--6.3
0.560
156.7
2000
0.681
153.8
3.864
68.4
0.0367
--6.6
0.562
156.0
2050
0.685
153.0
3.783
67.0
0.0367
--6.9
0.563
155.2
2100
0.689
152.2
3.707
65.5
0.0368
--7.2
0.564
154.4
2150
0.693
151.3
3.633
64.1
0.0369
--7.6
0.564
153.6
2200
0.697
150.5
3.562
62.7
0.0369
--7.9
0.565
152.8
2250
0.701
149.6
3.494
61.3
0.0370
--8.3
0.565
152.0
2300
0.705
148.7
3.426
59.8
0.0371
--8.7
0.565
151.2
2350
0.709
147.8
3.363
58.4
0.0371
--9.1
0.564
150.3
(continued)


Similar Part No. - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com