Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R8BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 06035J0R8BS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R8BS Datasheet(HTML) 4 Page - NXP Semiconductors

  06035J0R8BS Datasheet HTML 1Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 2Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 3Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 4Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 5Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 6Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 7Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 8Page - NXP Semiconductors 06035J0R8BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMG3014NT1
50 OHM TYPICAL CHARACTERISTICS
4.5
VCC, COLLECTOR VOLTAGE (V)
Figure 8. Third Order Output Intercept Point
versus Collector Voltage
42
40
38
4.7
5.5
5.1
f = 900 MHz
1 MHz Tone Spacing
100
--40
--20
0
20
40
60
80
T, TEMPERATURE (_C)
Figure 9. Third Order Output Intercept Point
versus Case Temperature
40
38
Figure 10. Third Order Intermodulation versus
Output Power
Pout, OUTPUT POWER (dBm)
10
13
16
--80
--30
--50
--60
--40
150
103
105
120
Figure 11. MTTF versus Junction Temperature
104
125
130
135
140
145
TJ, JUNCTION TEMPERATURE (C)
NOTE: The MTTF is calculated with VCC =5 Vdc, ICC = 135 mA
4
0
10
0
f, FREQUENCY (GHz)
Figure 12. Noise Figure versus Frequency
6
4
2
12
3
--70
--20
Pout, OUTPUT POWER (dBm)
Figure 13. Single--Carrier W--CDMA Adjacent
Channel Power Ratio versus Output Power
--30
--40
--50
--60
19
16
13
25
42
VCC =5 Vdc
f = 900 MHz
1 MHz Tone Spacing
25
10
22
4.9
5.3
--70
19
22
8
VCC =5 Vdc
VCC = 5 Vdc, f = 2140 MHz
Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 8.5 dB @ 0.01% Probability on CCDF
VCC =5 Vdc
f = 900 MHz
1 MHz Tone Spacing


Similar Part No. - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - 06035J0R8BS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com