Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R6BS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 06035J0R6BS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R6BS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 06035J0R6BS Datasheet HTML 6Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 7Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 8Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 9Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 10Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 11Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 12Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 13Page - NXP Semiconductors 06035J0R6BS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
MMG3014NT1
50 OHM TYPICAL CHARACTERISTICS
Table 12. Common Emitter S--Parameters (VCC =5 Vdc, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

2400
0.712
146.9
3.299
57.0
0.0372
--9.5
0.564
149.5
2450
0.715
146.0
3.240
55.6
0.0373
--9.9
0.563
148.6
2500
0.719
145.0
3.181
54.1
0.0373
--10.3
0.562
147.7
2550
0.722
144.1
3.124
52.7
0.0374
--10.8
0.562
146.8
2600
0.724
143.1
3.071
51.3
0.0374
--11.2
0.561
145.9
2650
0.728
142.2
3.017
49.9
0.0375
--11.6
0.560
145.0
2700
0.730
141.2
2.968
48.5
0.0376
--12.0
0.559
144.0
2750
0.733
140.2
2.920
47.1
0.0377
--12.4
0.559
143.1
2800
0.736
139.2
2.872
45.8
0.0378
--12.9
0.558
142.1
2850
0.738
138.2
2.828
44.4
0.0380
--13.4
0.557
141.1
2900
0.740
137.2
2.784
43.0
0.0381
--13.8
0.557
140.1
2950
0.742
136.2
2.743
41.7
0.0382
--14.4
0.557
139.1
3000
0.745
135.2
2.703
40.3
0.0384
--14.9
0.557
138.1
3050
0.747
134.2
2.664
39.0
0.0385
--15.4
0.557
137.1
3100
0.749
133.1
2.627
37.6
0.0386
--15.9
0.557
136.1
3150
0.751
132.1
2.590
36.3
0.0388
--16.4
0.557
135.1
3200
0.753
131.1
2.555
35.0
0.0389
--17.0
0.558
134.1
3250
0.756
130.1
2.521
33.7
0.0390
--17.5
0.558
133.2
3300
0.758
129.1
2.487
32.4
0.0391
--18.0
0.559
132.2
3350
0.760
128.1
2.455
31.1
0.0393
--18.5
0.560
131.3
3400
0.762
127.1
2.422
29.8
0.0394
--19.0
0.560
130.5
3450
0.764
126.1
2.392
28.6
0.0395
--19.5
0.561
129.6
3500
0.766
125.1
2.361
27.3
0.0396
--20.0
0.562
128.9
3550
0.768
124.2
2.331
26.1
0.0397
--20.5
0.563
128.1
3600
0.770
123.2
2.302
24.9
0.0398
--21.0
0.564
127.4
3650
0.772
122.3
2.273
23.7
0.0399
--21.4
0.565
126.7
3700
0.774
121.3
2.246
22.6
0.0400
--21.8
0.566
126.1
3750
0.775
120.4
2.218
21.5
0.0401
--22.2
0.567
125.6
3800
0.777
119.5
2.192
20.4
0.0403
--22.6
0.568
125.1
3850
0.778
118.6
2.167
19.2
0.0404
--23.0
0.569
124.6
3900
0.780
117.6
2.142
18.1
0.0405
--23.4
0.570
124.2
3950
0.781
116.7
2.118
17.1
0.0406
--23.9
0.571
123.7
4000
0.783
115.8
2.091
16.0
0.0407
--24.2
0.572
123.5


Similar Part No. - 06035J0R6BS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
NXP Semiconductors
06035J0R4BBS NXP-06035J0R4BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
TriQuint Semiconductor
06035J0R7ABSTR TRIQUINT-06035J0R7ABSTR Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
NXP Semiconductors
06035J0R7BBS NXP-06035J0R7BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results

Similar Description - 06035J0R6BS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com