Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R4BBS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 06035J0R4BBS
Description  Heterostructure Field Effect Transistor (GaAs HFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R4BBS Datasheet(HTML) 1 Page - NXP Semiconductors

  06035J0R4BBS Datasheet HTML 1Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 2Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 3Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 4Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMH3111NT1
1
RF Device Data
Freescale Semiconductor, Inc.
MMH3111NT1
250--4000 MHz, 12 dB
22.5 dBm
GaAs HFET GPA
Heterostructure Field Effect
Transistor (GaAs HFET)
Broadband High Linearity Amplifier
The MMH3111NT1 is a general purpose amplifier that is internally
input and output prematched. It is designed for a broad range of Class A,
small--signal, high linearity, general purpose applications. It is suitable
for applications with frequencies from 250 to 4000 MHz such as cellular,
PCS, WLL, PHS, CATV, VHF, UHF, UMTS and general small--signal RF.
Features
 Frequency: 250 to 4000 MHz
 P1dB: 22.5 dBm @ 900 MHz
 Small--Signal Gain: 12 dB @ 900 MHz
 Third Order Output Intercept Point: 44 dBm @ 900 MHz
 Single 5 V Supply
 Internally Prematched to 50 Ohms
 Internally Biased
 Cost--effective SOT--89 Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
SOT--89
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small--Signal Gain
(S21)
Gp
12
11.3
10
dB
Input Return Loss
(S11)
IRL
--14
--15
--16
dB
Output Return Loss
(S22)
ORL
--14
--19
--14
dB
Power Output @1dB
Compression
P1dB
22.5
22
22
dBm
Third Order Output
Intercept Point
OIP3
44
44
42
dBm
1. VDD =5 Vdc, TA =25C, 50 ohm system, application circuit tuned
for specified frequency.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
Supply Current
IDD
300
mA
RF Input Power
Pin
20
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
150
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 95C, 5 Vdc, 150 mA, no RF applied
RJC
37.5
C/W
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMH3111NT1
Rev. 4.1, 10/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2007--2008, 2010--2012, 2014. All rights reserved.


Similar Part No. - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
Thin-Film Technology
logo
NXP Semiconductors
06035J0R6BS NXP-06035J0R6BS Datasheet
497Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
TriQuint Semiconductor
06035J0R7ABSTR TRIQUINT-06035J0R7ABSTR Datasheet
747Kb / 8P
Edge QAM Gain Stage
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
RF LDMOS Wideband Integrated Power Amplifiers
06035J0R8BS NXP-06035J0R8BS Datasheet
497Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
More results

Similar Description - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor (GaAs HFET)
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
High Performance 쩍-Watt HFET(Heterostructure FET)
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com