Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R4BBS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 06035J0R4BBS
Description  Heterostructure Field Effect Transistor (GaAs HFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R4BBS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 06035J0R4BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 9Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 10Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 11Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 12Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MMH3111NT1
9
RF Device Data
Freescale Semiconductor, Inc.
50 OHM TYPICAL CHARACTERISTICS
Table 11. Common Source S--Parameters (VDD =5 Vdc, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

2200
0.436
--141.015
3.502
89.764
0.120
--34.293
0.102
--102.102
2250
0.440
--143.664
3.480
87.853
0.120
--35.279
0.100
--105.319
2300
0.444
--146.130
3.456
85.964
0.120
--36.278
0.099
--108.673
2350
0.448
--148.573
3.433
84.098
0.120
--37.227
0.097
--111.868
2400
0.452
--150.891
3.408
82.262
0.120
--38.193
0.094
--115.093
2450
0.457
--153.231
3.384
80.399
0.120
--39.165
0.093
--118.343
2500
0.461
--155.588
3.360
78.562
0.120
--40.131
0.091
--121.666
2550
0.465
--157.929
3.337
76.708
0.120
--41.119
0.090
--125.028
2600
0.469
--160.182
3.312
74.886
0.120
--42.109
0.089
--128.277
2650
0.473
--162.557
3.290
73.042
0.120
--43.087
0.088
--131.582
2700
0.476
--164.863
3.268
71.221
0.120
--44.100
0.088
--134.657
2750
0.480
--167.206
3.246
69.393
0.120
--45.119
0.087
--137.722
2800
0.483
--169.520
3.223
67.572
0.120
--46.143
0.087
--140.631
2850
0.487
--171.820
3.201
65.747
0.120
--47.132
0.086
--143.444
2900
0.490
--173.992
3.180
63.945
0.120
--48.134
0.086
--146.347
2950
0.494
--176.195
3.157
62.155
0.120
--49.132
0.085
--149.433
3000
0.498
--178.278
3.136
60.357
0.120
--50.131
0.085
--152.745
3050
0.501
179.789
3.114
58.599
0.120
--51.092
0.085
--156.274
3100
0.505
177.950
3.092
56.836
0.120
--52.074
0.084
--160.030
3150
0.508
176.155
3.071
55.112
0.120
--53.076
0.085
--163.912
3200
0.511
174.401
3.051
53.377
0.120
--54.062
0.085
--167.662
3250
0.514
172.667
3.031
51.656
0.120
--55.020
0.085
--171.336
3300
0.517
170.842
3.010
49.907
0.120
--55.996
0.086
--175.010
3350
0.519
169.000
2.990
48.184
0.120
--56.970
0.087
--178.505
3400
0.522
167.181
2.970
46.458
0.120
--57.975
0.087
177.850
3450
0.524
165.308
2.950
44.716
0.120
--59.010
0.089
174.447
3500
0.527
163.438
2.930
43.003
0.120
--60.024
0.090
170.925
3550
0.528
161.590
2.911
41.291
0.120
--61.051
0.093
167.846
3600
0.531
159.691
2.892
39.560
0.120
--62.060
0.095
164.966


Similar Part No. - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
NXP Semiconductors
06035J0R6BS NXP-06035J0R6BS Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
TriQuint Semiconductor
06035J0R7ABSTR TRIQUINT-06035J0R7ABSTR Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
06035J0R8BS NXP-06035J0R8BS Datasheet
497Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
More results

Similar Description - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
   Heterostructure Bipolar Transistor
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com