Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R4BBS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 06035J0R4BBS
Description  Heterostructure Field Effect Transistor (GaAs HFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R4BBS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 06035J0R4BBS Datasheet HTML 4Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 9Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 10Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 11Page - NXP Semiconductors 06035J0R4BBS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MMH3111NT1
50 OHM TYPICAL CHARACTERISTICS
Table 11. Common Source S--Parameters (VDD =5 Vdc, TA =25C, 50 Ohm System)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

100
0.329
--36.383
4.365
165.300
0.116
4.544
0.161
--47.926
150
0.324
--37.554
4.337
163.880
0.116
3.571
0.154
--47.482
250
0.322
--38.791
4.313
162.387
0.116
2.612
0.147
--46.993
300
0.318
--40.072
4.288
160.990
0.116
1.903
0.143
--46.565
350
0.315
--41.580
4.266
159.673
0.116
1.012
0.137
--46.090
400
0.313
--43.457
4.239
158.172
0.116
0.371
0.133
--45.522
450
0.313
--45.793
4.217
156.531
0.116
--1.047
0.130
--45.093
500
0.315
--48.163
4.196
154.804
0.116
--2.355
0.129
--44.795
550
0.317
--50.730
4.175
153.014
0.117
--3.521
0.129
--45.225
600
0.319
--53.308
4.154
151.195
0.117
--4.643
0.129
--45.763
650
0.322
--55.918
4.136
149.346
0.117
--5.686
0.129
--46.206
700
0.325
--58.706
4.116
147.439
0.117
--6.700
0.129
--46.966
750
0.329
--61.512
4.098
145.565
0.117
--7.693
0.130
--47.749
800
0.332
--64.233
4.078
143.660
0.117
--8.616
0.131
--48.671
850
0.336
--67.096
4.059
141.719
0.117
--9.581
0.132
--49.880
900
0.339
--69.960
4.040
139.799
0.117
--10.489
0.132
--51.046
950
0.344
--72.823
4.019
137.852
0.117
--11.398
0.133
--52.269
1000
0.347
--75.724
4.001
135.896
0.117
--12.312
0.133
--53.492
1050
0.351
--78.553
3.983
133.947
0.118
--13.198
0.133
--54.989
1100
0.355
--81.424
3.964
131.996
0.118
--14.093
0.132
--56.508
1150
0.358
--84.459
3.944
130.038
0.118
--14.998
0.131
--57.950
1200
0.362
--87.372
3.924
128.069
0.118
--15.903
0.131
--59.716
1250
0.367
--90.300
3.903
126.129
0.118
--16.821
0.129
--61.319
1300
0.371
--93.201
3.883
124.163
0.118
--17.713
0.128
--63.068
1350
0.375
--96.015
3.861
122.219
0.118
--18.623
0.126
--64.878
1400
0.380
--98.765
3.837
120.287
0.118
--19.497
0.124
--66.432
1450
0.385
--101.218
3.815
118.370
0.118
--20.349
0.123
--67.493
1500
0.391
--103.291
3.793
116.530
0.118
--21.202
0.123
--68.218
1550
0.395
--105.591
3.773
114.664
0.119
--22.024
0.123
--69.287
1600
0.398
--108.116
3.752
112.769
0.119
--22.896
0.122
--70.746
1650
0.401
--110.631
3.731
110.886
0.119
--23.793
0.121
--72.539
1700
0.404
--113.324
3.710
108.972
0.119
--24.719
0.120
--74.765
1750
0.407
--116.074
3.691
107.070
0.119
--25.638
0.118
--77.175
1800
0.410
--118.856
3.672
105.143
0.119
--26.594
0.117
--79.613
1850
0.413
--121.692
3.654
103.215
0.119
--27.518
0.115
--82.165
1900
0.416
--124.469
3.633
101.291
0.119
--28.483
0.113
--84.722
1950
0.419
--127.201
3.613
99.367
0.120
--29.461
0.111
--87.462
2000
0.422
--130.044
3.592
97.431
0.120
--30.414
0.110
--90.359
2050
0.425
--132.901
3.570
95.510
0.120
--31.362
0.108
--93.223
2100
0.428
--135.666
3.547
93.588
0.120
--32.353
0.106
--96.005
2150
0.432
--138.396
3.525
91.656
0.120
--33.317
0.104
--99.124
2160
0.433
--138.893
3.519
91.287
0.120
--33.518
0.104
--99.644
2170
0.434
--139.420
3.515
90.904
0.120
--33.707
0.103
--100.212
2180
0.434
--139.934
3.509
90.532
0.120
--33.908
0.103
--100.854
2190
0.435
--140.473
3.506
90.142
0.120
--34.094
0.103
--101.491
(continued)


Similar Part No. - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
Thin-Film Technology
logo
NXP Semiconductors
06035J0R6BS NXP-06035J0R6BS Datasheet
497Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
logo
TriQuint Semiconductor
06035J0R7ABSTR TRIQUINT-06035J0R7ABSTR Datasheet
747Kb / 8P
Edge QAM Gain Stage
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
571Kb / 14P
RF LDMOS Wideband Integrated Power Amplifiers
06035J0R8BS NXP-06035J0R8BS Datasheet
497Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 5, 3/2016
More results

Similar Description - 06035J0R4BBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor (GaAs HFET)
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
High Performance 쩍-Watt HFET(Heterostructure FET)
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
Heterostructure Bipolar Transistor
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com