Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2304432 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2304432
Description  Interface module - FLKM 16/DV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2304432 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  2304432 Datasheet HTML 1Page - PHOENIX CONTACT 2304432 Datasheet HTML 2Page - PHOENIX CONTACT 2304432 Datasheet HTML 3Page - PHOENIX CONTACT 2304432 Datasheet HTML 4Page - PHOENIX CONTACT 2304432 Datasheet HTML 5Page - PHOENIX CONTACT 2304432 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2304432
03/02/2020   Page 6 / 6
Interface module - FLKM 16/DV - 2304432
Accessories
Cable - FLK 16/EZ-DR/ 400/KONFEK - 2299343
Round cable set; connection 1: IDC/FLK socket strip (1x 16-position); connection 2: IDC/FLK socket strip (1x 16-
position); cable length: 4 m
 
 
Cable - FLK 16/EZ-DR/ 800/KONFEK - 2299369
Round cable set; connection 1: IDC/FLK socket strip (1x 16-position); connection 2: IDC/FLK socket strip (1x 16-
position); cable length: 8 m
 
 
Cable - FLK 16/EZ-DR/1000/KONFEK - 2299372
Round cable set; connection 1: IDC/FLK socket strip (1x 16-position); connection 2: IDC/FLK socket strip (1x 16-
position); cable length: 10 m
 
 
Cable - FLK EZ-DR.../.../... - 2295059
Round cable, with preassembly, not shielded, variable cable length
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 2304432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304403 PHOENIX-2304403 Datasheet
48Kb / 3P
   The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304429 PHOENIX-2304429 Datasheet
88Kb / 6P
   Interface module - FLKM 16/AI/DV
2304445 PHOENIX-2304445 Datasheet
89Kb / 6P
   Passive module - FLKM 16/AO/SI/DV
2304458 PHOENIX-2304458 Datasheet
58Kb / 3P
   Passive module - FLKM 16/DI/SI/LA/DV
More results

Similar Description - 2304432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304429 PHOENIX-2304429 Datasheet
88Kb / 6P
   Interface module - FLKM 16/AI/DV
2281034 PHOENIX-2281034 Datasheet
64Kb / 3P
   Interface module - FLKM 16
11/05/2018
2304445 PHOENIX-2304445 Datasheet
89Kb / 6P
   Passive module - FLKM 16/AO/SI/DV
2302900 PHOENIX-2302900 Datasheet
63Kb / 5P
   Interface module - FLKM 16/ZFKDS
2304458 PHOENIX-2304458 Datasheet
58Kb / 3P
   Passive module - FLKM 16/DI/SI/LA/DV
5601701 PHOENIX-5601701 Datasheet
45Kb / 2P
   Interface module - FLKM 16-LONG LATCH
2304869 PHOENIX-2304869 Datasheet
88Kb / 4P
   Passive module - FLKM 50/32M/DV
2304746 PHOENIX-2304746 Datasheet
74Kb / 3P
   Passive module - FLKM-2FLK20/32M/DV
2304733 PHOENIX-2304733 Datasheet
79Kb / 3P
   Passive module - FLKM-2FLK20/32M/OUT/LA/DV
2304720 PHOENIX-2304720 Datasheet
77Kb / 3P
   Passive module - FLKM-2FLK20/32M/IN/LA/DV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com