Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J100GBS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 06035J100GBS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J100GBS Datasheet(HTML) 1 Page - NXP Semiconductors

  06035J100GBS Datasheet HTML 1Page - NXP Semiconductors 06035J100GBS Datasheet HTML 2Page - NXP Semiconductors 06035J100GBS Datasheet HTML 3Page - NXP Semiconductors 06035J100GBS Datasheet HTML 4Page - NXP Semiconductors 06035J100GBS Datasheet HTML 5Page - NXP Semiconductors 06035J100GBS Datasheet HTML 6Page - NXP Semiconductors 06035J100GBS Datasheet HTML 7Page - NXP Semiconductors 06035J100GBS Datasheet HTML 8Page - NXP Semiconductors 06035J100GBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMA20312BVT1
1
RF Device Data
Freescale Semiconductor, Inc.
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
High Efficiency/Linearity Amplifier
The MMA20312BV is a 2--stage high efficiency, Class AB InGaP HBT
amplifier designed for use as a linear driver amplifier in wireless base station
applications as well as an output stage in femtocell or repeater applications. It
is suitable for applications with frequencies from 1800 to 2200 MHz such as
CDMA, TD--SCDMA, PCS, UMTS and LTE at operating voltages from 3 to 5 V.
The amplifier is housed in a cost--effective, surface mount QFN plastic package.
 Typical Performance: VCC =5 Vdc, ICQ =70 mA, Pout =17 dBm
Frequency
Gps
(dB)
ACPR
(dBc)
PAE
(%)
Test Signal
1880 MHz
29.0
--47.4
9.1
TD--SCDMA
1920 MHz
29.0
--46.7
9.0
TD--SCDMA
2010 MHz
27.4
--52.0
9.3
TD--SCDMA
2025 MHz
26.8
--50.0
9.5
TD--SCDMA
2140 MHz
27.0
--51.7
9.4
W--CDMA
Features
 Frequency: 1800--2200 MHz
 P1dB: 30.5 dBm @ 2140 MHz (CW Application Circuit)
 Power Gain: 26.4 dB @ 2140 MHz (CW Application Circuit)
 OIP3: 44.5 dBm @ 2140 MHz (W--CDMA Application Circuit)
 Active Bias Control (adjustable externally)
 Single 3 to 5 V Supply
 Cost--effective 12--pin, 3 mm QFN Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
Table 1. Typical Performance (1)
Characteristic
Symbol
1800
MHz
2140
MHz
2200
MHz
Unit
Small--Signal Gain
(S21)
Gp
28.8
26.4
25.5
dB
Input Return Loss
(S11)
IRL
--17.6 --10.9
--9.7
dB
Output Return Loss
(S22)
ORL
--20.3 --14.7 --13.7
dB
Power Output @ 1dB
Compression
P1dB
30.5
30.5
30.5
dBm
1. VCC1 =VCC2 =VBIAS =5 Vdc, TA =25C, 50 ohm system,
CW Application Circuit
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
6
V
Supply Current
ICC
550
mA
RF Input Power
Pin
14
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
175
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 86C, VCC1 =VCC2 =VBIAS =5 Vdc
RJC
52
C/W
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Freescale Semiconductor
Technical Data
Document Number: MMA20312BV
Rev. 2, 9/2014
1800--2200 MHz, 27.2 dB
30.5 dBm
InGaP HBT LINEAR AMPLIFIER
MMA20312BVT1
QFN 3  3
 Freescale Semiconductor, Inc., 2011, 2014. All rights reserved.


Similar Part No. - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J100GBS NXP-06035J100GBS Datasheet
678Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results

Similar Description - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com