Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J100GBS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 06035J100GBS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J100GBS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 06035J100GBS Datasheet HTML 2Page - NXP Semiconductors 06035J100GBS Datasheet HTML 3Page - NXP Semiconductors 06035J100GBS Datasheet HTML 4Page - NXP Semiconductors 06035J100GBS Datasheet HTML 5Page - NXP Semiconductors 06035J100GBS Datasheet HTML 6Page - NXP Semiconductors 06035J100GBS Datasheet HTML 7Page - NXP Semiconductors 06035J100GBS Datasheet HTML 8Page - NXP Semiconductors 06035J100GBS Datasheet HTML 9Page - NXP Semiconductors 06035J100GBS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMA20312BT1
TYPICAL CHARACTERISTICS — TD--SCDMA
180
40
60
Figure 8. ACPR versus Collector Current versus
Output Power versus Temperature
Pout, OUTPUT POWER (dBm)
--10
--15
--20
--50
17
--35
--25
--45
79
80
100
120
140
160
--40
--55
23
200
20
0
--30
11
13
15
21
19
--40C
25C
85C
--40C
25C
85C
ACPR
45
10
15
Figure 9. Power Gain versus Power Added
Efficiency versus Output Power versus Temperature
Pout, OUTPUT POWER (dBm)
29
28
27
21
17
24
26
22
79
20
25
30
35
40
23
20
23
50
5
0
25
11
13
15
21
19
--40C
25C
85C
--40C
25C
85C
30
Gain
PAE
Figure 10. P1dB versus Frequency versus
Temperature, CW
f, FREQUENCY (MHz)
30
29
28
25
27
1800
24
26
1850
--40C
25C
85C
31
1900
1950
2050
2000
ICC
VCC1 =VCC2 =VBIAS =5 Vdc
f = 2017.5 MHz
VCC1 =VCC2 =VBIAS =5 Vdc
f = 2017.5 MHz
VCC1 =VCC2 =VBIAS =5 Vdc
--60


Similar Part No. - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J100GBS NXP-06035J100GBS Datasheet
901Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results

Similar Description - 06035J100GBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com