Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J1R8BBS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 06035J1R8BBS
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J1R8BBS Datasheet(HTML) 3 Page - NXP Semiconductors

  06035J1R8BBS Datasheet HTML 1Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 2Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 3Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 4Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 5Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 6Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 7Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 8Page - NXP Semiconductors 06035J1R8BBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MMA20312BVT1
3
RF Device Data
Freescale Semiconductor, Inc.
Z4
0.080 x 0.030 Microstrip
Z5
0.155 x 0.010 Microstrip
Z6
0.045 x 0.010 Microstrip
Z1
0.250 x 0.030 Microstrip
Z2
0.035 x 0.030 Microstrip
Z3
0.283 x 0.030 Microstrip
RF
INPUT
Figure 3. MMA20312BV Test Circuit Schematic — TD--SCDMA, 5 Volt Operation
VCC1
BIAS
CIRCUIT
C1
C2
Z1
L1
C5
R1
R2
C8
VBIAS
Z4
Z5
C17
C18
C19
RF
OUTPUT
Z6
C16
C13
VCC2
1
2
3
12
11
10
4
5
6
9
7
Z2
C3
Z3
C4
8
Table 7. MMA20312BV Test Circuit Component Designations and Values — TD--SCDMA, 5 Volt Operation
Part
Description
Part Number
Manufacturer
C1, C5
22 pF Chip Capacitors
06033J220GBS
AVX
C2
1.8 pF Chip Capacitor
06035J1R8BBS
AVX
C3
2.2 pF Chip Capacitor
06035J2R2BBS
AVX
C4
5.6 pF Chip Capacitor
06035J5R6BBS
AVX
C6, C7, C9
Components Not Placed
C8, C18
1 F Chip Capacitors
GRM188R61A105KA61
Murata
C13
10 pF Chip Capacitor
06035J100GBS
AVX
C16, C19
10 F Chip Capacitors
GRM188R60J106ME47
Murata
C17
0.1 F Chip Capacitor
GRM188R71H104KA93
Murata
L1
1.8 nH Chip Inductor
LL1608--FS1N8S
TOKO
R1
330  Chip Resistor
RR0816Q--331--D
Susumu
R2
1.5 k Chip Resistor
RR0816Q--152--D
Susumu
PCB
0.01, r =3.38
680--338
Isola
Note: Component numbers C6, C7 and C9 are labeled on board but not placed. C10, C11, C12, C14 and C15 are intentionally omitted.


Similar Part No. - 06035J1R8BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J1R8BBS NXP-06035J1R8BBS Datasheet
678Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results

Similar Description - 06035J1R8BBS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com