Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2N7002BK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # T2N7002BK
Description  High-Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T2N7002BK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  T2N7002BK Datasheet HTML 1Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 2Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 3Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 4Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 5Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 6Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 7Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T2N7002BK
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Drain-source voltage
Gate-source voltage
Drain current (DC)
Drain current (pulsed)
Power dissipation
Power dissipation
Channel temperature
Storage temperature
(Note 1)
(Note 1), (Note 2)
(Note 3)
(Note 4)
Symbol
VDSS
VGSS
ID
IDP
PD
Tch
Tstg
Rating
60
±20
400
1200
320
1000
150
-55 to 150
Unit
V
mA
mW
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the channel temperature does not exceed 150 .
Note 2: Repetitive rating; pulse width limited by maximum channel temperature.
pulse width ≤ 10 µs, Duty ≤ 1 %
Note 3: Device mounted on a 25.4 mm × 25.4 mm × 1.6 mm FR-4 glass epoxy board (Cu pad: 0.42 mm2 × 3)
Note 4: Device mounted on a 25.4 mm × 25.4 mm × 1.6 mm FR-4 glass epoxy board (Cu pad: 645 mm2)
Note:
This transistor is sensitive to electrostatic discharge and should be handled with care.
Note:
The MOSFETs in this device are sensitive to electrostatic discharge. When handling this device, the worktables,
operators, soldering irons and other objects should be protected against anti-static discharge.
Note:
The channel-to-ambient thermal resistance, Rth(ch-a), and the drain power dissipation, PD, vary according to
the board material, board area, board thickness and pad area. When using this device, be sure to take heat
dissipation fully into account.
2017-11-30
Rev.2.0
©2015-2017
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - T2N7002BK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T2N7002AK TOSHIBA-T2N7002AK Datasheet
598Kb / 7P
   High Speed Switching Applications
More results

Similar Description - T2N7002BK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com