Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2N7002BK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # T2N7002BK
Description  High-Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T2N7002BK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  T2N7002BK Datasheet HTML 1Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 2Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 3Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 4Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 5Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 6Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 7Page - Toshiba Semiconductor T2N7002BK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T2N7002BK
5
7.
7.
7.
7. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 IIIID
D
D
D
- V
- V
- V
- VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.2
7.2
7.2
7.2 IIIID
D
D
D
- V
- V
- V
- VGS
GS
GS
GS
Fig.
Fig.
Fig.
Fig. 7.3
7.3
7.3
7.3 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- I
- I
- I
- ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.4
7.4
7.4
7.4 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- V
- V
- V
- VGS
GS
GS
GS
Fig.
Fig.
Fig.
Fig. 7.5
7.5
7.5
7.5 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 7.6
7.6
7.6
7.6 V
V
V
Vth
th
th
th
- T
- T
- T
- Taaaa
2017-11-30
Rev.2.0
©2015-2017
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - T2N7002BK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T2N7002AK TOSHIBA-T2N7002AK Datasheet
598Kb / 7P
   High Speed Switching Applications
More results

Similar Description - T2N7002BK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com