Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF250A30 Datasheet(PDF) 1 Page - SanRex Corporation

Part # MDF250A30
Description  DIODE(NON-ISOLATED TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

MDF250A30 Datasheet(HTML) 1 Page - SanRex Corporation

  MDF250A30 Datasheet HTML 1Page - SanRex Corporation MDF250A30 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
MDF(R)250A
DIODE(NON-ISOLATED TYPE)
MDF
(R)
250A is a diode with flat mounting base which is designed for use in various
rectifier applications.
IF(AV)
=250A, VRRM=500V
Easy Construction with Anode
(F)
Type and Cathode
(R)
type.
High reliability by glass passivation
(Applications)
Various Rectifiers
Welding Power Supply
4-φ7
45±0.4
62
24
46
φ8.5
Unit
:a
Symbol
Item
Ratings
MDF(R)200A30
MDF(R)200A40
MDF(R)200A50
300
400
500
360
240
480
320
600
400
Unit
VRRM
VRSM
VR(DC)
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
D.C. Reverse Voltage
V
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
。conduction, Tc:92℃
250
IF(RMS)
IFSM
R.M.S. Forward Current
Surge Forward Current
Single phase, half wave, 180
。conduction, Tc:92℃
1
2cycle, 50Hz/60Hz, peak value, non-repetitive
390
4000/4500
A
A
I2t
I2t
Value for one cycle of surge current
84000
A2S
Tj
Junction Temperature
−30 to +150
Tstg
Storage Temperature
−30 to +125
Mounting
Torque
Mounting
(M6)
Terminal
(M8)
Mass
Recommended Value 2.5-3.9
(25-40)
Recommended Value 8.8-10
(90-105)
4.7
(48)
11
(115)
N
・m
(㎏f・B)
g
170
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave, Tj
=150℃
Ratings
15
1.15
0.2
Unit
mA
VFM
Forward Voltage Drop, max.
Foward current 800A, Tj
=25℃, Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
MDR
MDF
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
SanRex
®


Similar Part No. - MDF250A30

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
DIODE MODULE竊뉶.R.D.竊
More results

Similar Description - MDF250A30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DKR200AB60 DIODES-DKR200AB60 Datasheet
102Kb / 2P
DIODE MODULE( NON-ISOLATED TYPE )
logo
SanRex Corporation
TMG12C60 SANREX-TMG12C60 Datasheet
105Kb / 2P
TRIAC (NON-ISOLATED TYPE)
BKR400ABZ50 SANREX-BKR400ABZ50 Datasheet
93Kb / 2P
SCHOTTKY DIODE MODULE (NON-ISOLATED TYPE)
TMG8C60 SANREX-TMG8C60 Datasheet
115Kb / 2P
TRIAC(NON-ISOLATED TYPE)
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
TRIAC(NON-ISOLATED TYPE)
MDF100A30 SANREX-MDF100A30 Datasheet
90Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF150A30 SANREX-MDF150A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF200A30 SANREX-MDF200A30 Datasheet
91Kb / 2P
DIODE(NON-ISOLATED TYPE)
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA1-MYPMA01218RCF-CAB Datasheet
547Kb / 6P
Non-isolated type
October 6, 2022
MYPMA01218RCF-CCB MURATA1-MYPMA01218RCF-CCB Datasheet
793Kb / 8P
Non-isolated type
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com