Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6205 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL6205
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6205 Datasheet(HTML) 1 Page - Intersil Corporation

  EL6205 Datasheet HTML 1Page - Intersil Corporation EL6205 Datasheet HTML 2Page - Intersil Corporation EL6205 Datasheet HTML 3Page - Intersil Corporation EL6205 Datasheet HTML 4Page - Intersil Corporation EL6205 Datasheet HTML 5Page - Intersil Corporation EL6205 Datasheet HTML 6Page - Intersil Corporation EL6205 Datasheet HTML 7Page - Intersil Corporation EL6205 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7220.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6205
Laser Driver Oscillator
The EL6205 consists of a variable
amplitude, push only, oscillator that
also supplies the laser DC current. It is
designed to easily interface to existing ROM controllers,
reducing parts count, and power dissipation.
The reduction of parts count and the small package allows
the oscillator to be placed closer to the laser, thus reducing
EMI. Also, the turn-on and turn-off edges are slew rate
limited to reduce higher harmonics.
The total current drawn from the power supply can be less
than the laser threshold current due to the unique push-only
modulation method. The average current is less than the
peak oscillator current, and can be less than half of the
oscillator current. The power control current supplied from
the main board is reduced to less than 2mA.
One external resistor sets the oscillator frequency. A current
applied to the IIN terminal determines the amplitude of the
oscillator and laser DC current. If the oscillator amplitude is
set very low, the output and oscillator are disabled. The part
is available in the space-saving 6-pin SOT-23 package. It is
specified for operation from 0°C to +70°C.
Pinout
EL6205
(6-PIN SOT-23)
TOP VIEW
Features
• Low power dissipation
• Reduced parts count from the conventional solution
• User-selectable frequency from 60MHz to 600MHz
controlled with a single resistor
• User-selectable amplitude from 15mAPK-PK to
100mAPK-PK controlled by 0.3mA to 2mA input current
• Auto turn-off threshold
• Soft edges for reduced EMI
• Small 6-pin SOT-23 package
Applications
•DVD players
• DVD-ROM drives
• Combo drives
• MO drives
• General purpose laser noise reduction
• Local oscillator capability
1
2
3
6
4
IOUT
RFREQ
VDD
GND2
GND1
IN
5
Ordering Information
PART NUMBER
PACKAGE
TAPE & REEL PKG. DWG. #
EL6205CW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL6205CW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
Data Sheet
March 1, 2004


Similar Part No. - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
EL6205CW ELANTEC-EL6205CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6205

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com